Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 17 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 17 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 21Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
17
Version: DM9621 -14-DS-P02
February 23, 2011
4.5 RX Status Register ( 06H )
Bit
Name
Default
Description
7
RF
PHS0,RO
Runt Frame
It is set to indicate the received frame has the size smaller than 64 bytes.
6
MF
PHS0,RO
Multicast Frame
It is set to indicate the received frame has a multicast address.
5
LCS
PHS0,RO
Late Collision Seen
It is set to indicate a late collision found during the frame reception.
4
RWTO
PHS0,RO
Receive Watchdog Time-Out
It is set to indicate receive more than 2048 bytes.
3
PLE
PHS0,RO
Physical Layer Error
It is set to indicate a physical layer error found during the frame reception.
2
AE
PHS0,RO
Alignment Error
It is set to indicate the received frame ends with a non-byte boundary.
1
CE
PHS0,RO
CRC Error
It is set to indicate the received frame ends with a CRC error.
0
FOE
PHS0,RO
FIFO Overflow Error
It is set to indicate a FIFO Overflow error happens during the frame reception.
4.6 Receive Overflow Counter Register ( 07H )
This register can be cleared by writing any data this byte. Or they also can be cleared by read this byte if register 0H bit 5 is 0”.
Bit
Name
Default
Description
7
RXFU
PHS0,RW/C
Receive Overflow Counter Overflow
This bit is set when the ROC has an overflow condition.
6:0
ROC
PHS0,RW/C
Receive Overflow Counter
This is a statistic counter to indicate the received packet count upon FIFO
overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com