Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 53 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 53 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 57Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
53
Version: DM9621 -14-DS-P02
February 23, 2011
7.2.18 Code Group Alignment
The Code Group Alignment block receives un-aligned
5B data from the descrambler and converts it into 5B
code group data. Code Group Alignment occurs after
the J/K is detected, and subsequent data is aligned
on a fixed boundary.
7.2.19 4B5B Decoder
The 4B5B Decoder functions as a look-up table that
translates incoming 5B code groups into 4B (Nibble)
data. When receiving a frame, the first 2 5-bit code
groups received are the start-of-frame delimiter (J/K
symbols). The J/K symbol pair is stripped and two
nibbles of preamble pattern are substituted. The last
two code groups are the end-of-frame delimiter (T/R
symbols).
The T/R symbol pair is also stripped from the nibble
presented to the Reconciliation layer.
7.2.20 10Base-T Operation
The 10Base-T transceiver is IEEE 802.3u compliant.
When the DM9621 is operating in 10Base-T mode,
the coding scheme is Manchester. Data processed
for transmit is presented to the MII interface in nibble
format, converted to a serial bit stream, then
Manchester encoded. When receiving, the
Manchester encoded bit stream is decoded and
converted into nibble format for presentation to the
MII interface.
7.2.21 Collision Detection
For half-duplex operation, a collision is detected
when the transmit and receive channels are active
simultaneously. When a collision has been detected,
it will be reported by the COL signal on the MII
interface. Collision detection is disabled in Full
Duplex operation.
7.2.22 Carrier Sense
Carrier Sense (CRS) is asserted in half-duplex
operation during transmission or reception of data.
During full-duplex mode, CRS is asserted only during
receive operations.
7.2.23 Auto-Negotiation
The objective of Auto-negotiation is to provide a
means to exchange information between segment
linked devices and to automatically configure both
devices to take maximum advantage of their abilities.
It is important to note that Auto-negotiation does not
test the link segment characteristics. The
Auto-Negotiation function provides a means for a
device to advertise supported modes of operation to
a remote link partner, acknowledge the receipt and
understanding of common modes of operation, and to
reject un-shared modes of operation. This allows
devices on both ends of a segment to establish a link
at the best common mode of operation. If more than
one common mode exists between the two devices, a
mechanism is provided to allow the devices to
resolve to a single mode of operation using a
predetermined priority resolution function.
7.2.24 Auto-Negotiation (continued)
Auto-negotiation also provides a parallel detection
function for devices that do not support the
Auto-negotiation feature. During Parallel detection
there is no exchange of configuration information,
instead, the receive signal is examined. If it is
discovered that the signal matches a technology that
the receiving device supports, a connection will be
automatically established using that technology. This
allows devices that do not support Auto-negotiation
but support a common mode of operation to establish
a link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com