Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 32 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 32 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 36Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
32
Version: DM9621 -14-DS-P02
February 23, 2011
13
RF
0, RW
Remote fault:
1 = Local device senses a fault condition
0 = No fault detected
12-11
RESERVED
X, RW
Reserved:
Write as 0, ignore on read
10
FCS
0, RW
Flow control support:
1 = Controller chip supports flow control ability
0 = Controller chip doesn’t support flow control ability
9
T4
0, RO/P
100BASE-T4 support:
1 = 100BASE-T4 is supported by the local device
0 = 100BASE-T4 is not supported
The PHY does not support 100BASE-T4 so this bit is permanently
set to 0
8
TX_FDX
1, RW
100BASE-TX full duplex support:
1 = 100BASE-TX full duplex is supported by the local device
0 = 100BASE-TX full duplex is not supported
7
TX_HDX
1, RW
100BASE-TX support:
1 = 100BASE-TX is supported by the local device
0 = 100BASE-TX is not supported
6
10_FDX
1, RW
10BASE-T full duplex support:
1 = 10BASE-T full duplex is supported by the local device
0 = 10BASE-T full duplex is not supported
5
10_HDX
1, RW
10BASE-T support:
1 = 10BASE-T is supported by the local device
0 = 10BASE-T is not supported
4-0
Selector
<00001>, RW
Protocol selection bits:
These bits contain the binary encoded protocol selector supported
by this node.
<00001> indicates that this device supports IEEE 802.3
CSMA/CD.
6.6 Auto-negotiation Link Partner Ability Register (ANLPAR) – 05H
This register contains the advertised abilities of the link partner when received during Auto-negotiation.
Bit
Bit Name
Default
Description
15
NP
0, RO
Next page indication:
0 = Link partner, no next page available
1 = Link partner, next page available
14
ACK
0, RO
Acknowledge:
1 = Link partner ability data reception acknowledged
0 = Not acknowledged
The PHY's auto-negotiation state machine will automatically
control this bit from the incoming FLP bursts. Software should not
attempt to write to this bit.
13
RF
0, RO
Remote Fault:
1 = Remote fault indicated by link partner
0 = No remote fault indicated by link partner
12-11
RESERVED
X, RO
Reserved:
Write as 0, ignore on read
10
FCS
0, RW
Flow control support:
1 = Controller chip supports flow control ability by link partner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com