Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 65 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 65 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 65Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 66Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
65
Version: DM9621 -14-DS-P02
February 23, 2011
12. Package Information
QFN 48L Outline Dimension
unit: inch/mm
NOTE:
1.
CONTROLLING DIMENSION: MILLIMETER
2.
REFERENCE DOCUMENT: JEDEC MO-220
Symbol
Dimension in mm
Dimension in inch
MIN
NOM
MAX
MIN
NOM
MAX
A
0.80
0.85
0.90
0.031
0.033
0.035
A1
0.00
0.02
0.05
0.000
0.001
0.002
A2
0.60
0.65
0.70
0.024
0.026
0.028
A3
0.02 REF
0.008 REF
B
0.18
0.25
0.30
0.007
0.010
0.012
D/E
6.90
7.00
7.10
0.272
0.276
0.280
D1/E1
6.75 BSC
0.266 BSC
D2/E2
4.90
5.05
5.20
0.193
0.199
0.205
e
0.50 BSC
0.020 BSC
L
0.30
0.40
0.50
0.012
0.016
0.020
Θ
0
o
---
14
o
0
o
---
14
o
R
0.09
---
---
0.004
---
---
K
0.20
---
---
0.008
---
---
aaa
0.15
0.006
bbb
0.10
0.004
ccc
0.10
0.004
ddd
0.05
0.002
eee
0.08
0.003
fff
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com