Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 60 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 60 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 60Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 64Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
60
Version: DM9621 -14-DS-P02
February 23, 2011
10. Magnetic and Crystal Selection Guide
10.1 Magnetic Selection Guide
Refer to Table 1 for transformer requirements.
Transformers, meeting these requirements, are
available from a variety of magnetic manufacturers.
Designers should test and qualify all magnetic before
using them in an application. The transformers listed
in Table 1 are electrical equivalents, but may not be
pin-to-pin equivalents. Designers should test and
qualify all magnetic specifications before using them
in an application. RoHS regulations, please contact
with your magnetic vendor, this table only for you
reference
Manufacturer
Part Number
DELTA
LFE8505-DC , LFE8563-DC, LFE8583-DC
MAGCOM
HS9016, HS9024
Halo
TG110-S050N2, TG110-LC50N2
Bel Fuse
S558-5999-W2
Table 1
10.2 Crystal Selection Guide
A crystal can be used to generate the 25MHz
reference clock instead of an oscillator. The crystal
must be a fundamental type, and series-resonant.
Connects to pins X1 and X2, and shunts each crystal
lead to ground with a 15pf capacitor (see figure 10-1).
PARAMETER
SPEC
Type
Fundamental, series-resonant
Frequency
25.000 MHz +/- 30ppm
Equivalent Series Resistance
25 ohms max
Load Capacitance
22 pF typ.
Case Capacitance
7 pF max.
Power Dissipation
1mW max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com