Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 25 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 25 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 29Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
25
Version: DM9621 -14-DS-P02
February 23, 2011
4.33 USB Packet Error Counter (82H)
Bit
Name
Default
Description
7-0
USB_ERR
PHS0,RW/C
USB Data Error Count
This counter is increased when there has been data CRC error in USB
packet. This counter can be cleared by read if register 5 is “0” or by write to
this register with any data.
4.34 Ethernet Receive Packet CRC Error Counter (83H)
Bit
Name
Default
Description
7-0
RX_ERR
PHS0,RW/C
Ethernet RX Packet CRC Error Count
This counter is increased when there has been CRC error in Ethernet receive
packet. This counter can be cleared by read if register 5 is “0” or by write to
this register with any data.
4.35 Ethernet Transmit Excessive Collision Counter (84H)
Bit
Name
Default
Description
7-0
ECOL_CTR
PHS0,RW/C
Ethernet TX Packet Excessive Collision Count
This counter is increased when there has been excessive collision, i.e.
continued 16 collisions, in Ethernet transmit packet. This counter can be
cleared by read if register 5 is “0” or by write to this register with any data.
4.36 Ethernet Transmit Collision Counter (85H)
Bit
Name
Default
Description
7-0
COL_CTR
PHS0,RW/C
Ethernet TX Packet Collision Count
This counter is increased when there has been collision in Ethernet transmit
packet. This counter can be cleared by read if register 5 is “0” or by write to
this register with any data.
4.37 Ethernet Transmit Late Collision Counter (86H)
Bit
Name
Default
Description
7-0
LCOL_CTR
PHS0,RW/C
Ethernet TX Packet Late Collision Count
This counter is increased when there has been late collision in Ethernet
transmit packet. This counter can be cleared by read if register 5 is “0” or by
write to this register with any data.
4.38 RX Header Control/Status Register (91H)
Bit
Name
Default
Description
7
MODE9620
PT0,RW
RX header mode
0: DM9601 compatiable, 3-byte RX header : RX_status, byte_ctr_low,
byte_ctr_high
1: DM9621 mode, 4-byte RX header : RX _flag, RX_status, byte_ctr_low,
byte_ctr_high
6~1
RESERVED
P,RO
Reserved
1
RESERVED
P0,RW
Reserved
0
RESERVED
P0,RW
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com