Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 16 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 16 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 20Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
16
Version: DM9621 -14-DS-P02
February 23, 2011
4.3 TX Control Register (02H)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6
TJDIS
PHS0,RW Transmit Jabber Disable
When set, the transmit Jabber Timer(2048 bytes) is disabled. Otherwise the
transmit packet size can more than 2048-byte.
5
EXCECM
PHS0,RW Excessive Collision Mode Control :
0:abort this packet when excessive collision count more than 15,
1: still try to transmit this packet
4
RESERVED
PHS0,RW Reserved
3
RESERVED
PHS0,RW Reserved
2
PAD_DIS1
PHS0,RW TX Packet PAD Append Control:
0: the transmit packet size is appended to at least 64-byte.
1: the transmit packet size is unchanged from original setting.
1
CRC_DIS1
PHS0,RW TX Packet Index II CRC Appends Control:
0: the CRC field is appended automatically.
1: the CRC field is not appended.
0
RESERVED
PHS0,RW Reserved
4.4 RX Control Register ( 05H )
Bit
Name
Default
Description
7
HASHALL
PHS0,RW
Filter All address in Hash Table
6
WTDIS
PHS0,RW Watchdog Timer Disable
When set, the Watchdog Timer(2048 bytes) is disabled and the RX packet may
more than 2048-byte.
When cleared, the Watchdog Timer(2048 bytes) is enabled and he RX packet is
truncated after the data more than 2048-byte
5
DIS_LONG
PHS0,RW Discard Long Packet
When set, the packets with length over 1522-byte are discarded from RX memory.
4
DIS_CRC
PHS0,RW Discard CRC Error Packet
When set, the packets with CRC error are discarded from RX memory.
3
ALL
PHS0,RW Pass All Multicast
When set, the packets with multicast destination address are stored to RX memory.
2
RUNT
PHS0,RW Pass Runt Packet
When set, the packets with size less than 64-byte are stored to RX memory.
1
PRMSC
PHS0,RW Promiscuous Mode
When set, the destination address is do not be checked.
0
RXEN
PHS0,RW RX Enable
When set, the received accepted packets can be stored to RX memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com