Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 24 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 24 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 28Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
24
Version: DM9621 -14-DS-P02
February 23, 2011
4.28 General Purpose Control Register 3 (36H)
Bit
Name
Default
Description
7~0
GPC3
HP0,RW
General Purpose Control 3
Define the input mode (“0”,) or output mode (“1”) of pins GP_GRP3.
Where the GP_GRP3 are pins GPIO3 listed in pin description
4.29 General Purpose Register 3 (37H)
Bit
Name
Default
Description
7~0
GPD3
HP0,RW
General Purpose Register 3 Data
When the correspondent bit of General Purpose Control Register 3 is set, i.e.
output mode, the value of the bit is reflected to pin GP_GRP3
When the correspondent bit of General Purpose Control Register 3 is 0, i.e. input
mode, the value of the bit to be read is reflected from correspondent pins
GP_GRP3
4.30 EEPROM and PHY Control Register (3AH)
Bit
Name
Default
Description
7
FORCE_46
PT0,RW
Force EEPROM to 93C46 type
6
DET_46
P0,RO
Auto-detect EEPROM as 93C46
5
DET_56
P0,RO
Auto-detect EEPROM as 93C56/66
4~3
EECK_SPD
P0,RW
Re-define EEPROM EECK speed
00=0.2Mhz, 01=0.5MHz, 10=1MHz, 11=2MHz
2
NO_PRE
P0,RW
Do no generate Ethernet PHY preamble in MDIO
1~0
MDC_SPD
P0,RW
Re-define Ethernet PHY MDC speed
00=1Mhz, 01=3.1MHz, 10=12.5MHz, 11=0.25MHz
4.31 Pause Packet Control/Status Register (3DH)
Bit
Name
Default
Description
7~4
PAUSE_CTR
P0,RO
Pause Packet Counter
The Pause packet counter before RX SRAM flow control low threshold
reached.
3~0
PAUSE_MAX
PHS4,RW Max. Pause Packet Count
The maximum pause packet with timer FFFFH is transmit, when the RX
SRAM is still in high threshold when pause timer timeout.
4.32 Transmit Packet Counter (81H)
Bit
Name
Default
Description
7-0
TX_CTR
PS0,RO
TX Packet Count
The TX packet count in TX SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com