Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
21
6
Register Descriptions
6.1
Register quick jump table
6.2
Register address map
Click the blue register name to go to the register description.
Data
0x00: STATUS Data Status register (F_MODE = 00)
0x01: OUT_X_MSB, Accelerometer X-axis Data register
0x02: OUT_X_LSB, Accelerometer X-axis Data register
0x03: OUT_Y_MSB, Accelerometer Y-axis Data register
0x04: OUT_Y_LSB, Accelerometer Y-axis Data register
0x05: OUT_Z_MSB, Accelerometer Z-axis Data register
0x06: OUT_Z_LSB, Accelerometer Z-axis Data register
FIFO
0x00: F_STATUS FIFO Status register (F_MODE > 0)
0x09: F_SETUP FIFO Setup register
System status and ID
0x0A: TRIG_CFG Trigger Configuration register
0x0B: SYSMOD System Mode register
0x0C: INT_SOURCE System Interrupt Status register
0x0D: WHO_AM_I Device ID register
Data configuration
0x0E: XYZ_DATA_CFG register
0x0F: HP_FILTER_CUTOFF High-Pass Filter register
Portrait/landscape configuration and status
0x10: PL_STATUS Portrait/Landscape Status register
0x11 Portrait/Landscape Configuration register
0x12 Portrait/Landscape Debounce register
0x13: PL_BF_ZCOMP Back/Front and Z Compensation register
0x14: P_L_THS_REG Portrait/Landscape Threshold and
Hysteresis register
Freefall/motion configuration and status
0x15: FF_MT_CFG Freefall/Motion Configuration register
0x16: FF_MT_SRC Freefall/Motion Source register
0x17: FF_MT_THS Freefall and Motion Threshold register
0x18 FF_MT_COUNT Debounce register
Transient configuration and status
0x1D: Transient_CFG register
0x1E TRANSIENT_SRC register
0x1F TRANSIENT_THS register
0x20 TRANSIENT_COUNT register
Pulse configuration and status
0x21: PULSE_CFG Pulse Configuration register
0x22: PULSE_SRC Pulse Source register
0x23 – 0x25: PULSE_THSX, Y, Z Pulse Threshold for X, Y and Z registers
0x26: PULSE_TMLT Pulse Time Window 1 register
0x27: PULSE_LTCY Pulse Latency Timer register
0x28 PULSE_WIND register (Read/Write)
Auto-WAKE/SLEEP
0x29: ASLP_COUNT, Auto-WAKE/SLEEP Detection register (Read/Write)
System control
0x2A: CTRL_REG1 System Control 1 register
0x2B: CTRL_REG2 System Control 2 register
0x2C: CTRL_REG3 Interrupt Control register
0x2D: CTRL_REG4 Interrupt Enable register (Read/Write)
0x2E CTRL_REG5 Interrupt Configuration register (Read/Write)
Data calibration
0x2F: OFF_X Offset Correction X register
0x30: OFF_Y Offset Correction Y register
0x31: OFF_Z Offset Correction Z register
Table 12. Register address map
Name
Type
Register
Address
Auto-Increment Address
Default
Hex
Value
Comment
FMODE = 0
F_READ = 0
FMODE > 0
F_READ = 0
FMODE = 0
F_READ = 1
FMODE > 0
F_READ = 1
STATUS/
F_STATUS((1))((2))
R
0x00
0x01
00000000
0x00
FMODE = 0, real time status
FMODE > 0, FIFO status
OUT_X_MSB(1)(2)
R
0x01
0x02
0x01
0x03
0x01
Output
—
[7:0] are 8 MSBs
of 12-bit sample.
Root pointer to
XYZ FIFO data.
OUT_X_LSB(1)(2)
R
0x02
0x03
0x00
Output
—
[7:4] are 4 LSBs of 12-bit real-time
sample
OUT_Y_MSB(1)(2)
R
0x03
0x04
0x05
0x00
Output
—
[7:0] are 8 MSBs of 12-bit real-time
sample
OUT_Y_LSB(1)(2)
R
0x04
0x05
0x00
Output
—
[7:4] are 4 LSBs of 12-bit real-time
sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com