Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
MMA8652FC
Sensors
18
Freescale Semiconductor, Inc.
•The I2C interface may be used for communications between other I2C devices; the MMA8652FC does not affect the I2C
bus.
The I2C interface is compliant with Fast mode (400 kHz), and Normal mode (100 kHz) I2C standards (Table 6).
I2C operation:
1.
The transaction on the bus is started through a start condition (START) signal. A START condition is defined as a high-to-
low transition on the data line while the SCL line is held high. After START has been transmitted by the Master, the bus is
considered busy.
2.
The next byte of data transmitted after START contains the slave address in the first 7 bits, and the 8th bit tells whether
the Master is receiving data from the slave or is transmitting data to the slave.
3.
After a start condition and when an address is sent, each device in the system compares the first 7 bits with its address.
If the device’s address matches the sent address, then the device considers itself addressed by the Master.
4.
The 9th clock pulse following the slave address byte (and each subsequent byte) is the acknowledge (ACK). The
transmitter must release the SDA line during the ACK period. The receiver must then pull the data line low, so that it
remains stable low during the high period of the acknowledge clock period.
5.
A Master may also issue a repeated START during a data transfer. The MMA8652FC expects repeated STARTs to be
used to randomly read from specific registers.
6.
A low-to-high transition on the SDA line while the SCL line is high is defined as a stop condition (STOP). A data transfer
is always terminated by a STOP.
The MMA8652FC's standard slave address is 0011101 or 0x01D. The slave addresses are factory programmed; alternate
addresses are available upon request.
5.11.1
Single byte read
1.
The transmission of an 8-bit command begins on the falling edge of SCL. After the 8 clock cycles are used to send the
command, note that the data returned is sent with the MSB first after the data is received. Figure 11 shows the timing
diagram for the accelerometer 8-bit I2C read operation.
2.
The Master (or MCU) transmits a start condition (ST) to the MMA8652FC [slave address (0x1D), with the R/W bit set to
“0” for a write], and the MMA8652FC sends an acknowledgement.
3.
Next the Master (or MCU) transmits the address of the register to read, and the MMA8652FC sends an
acknowledgement.
4.
The Master (or MCU) transmits a repeated start condition (SR) and then addresses the MMA8652FC (0x1D), with the R/
W bit set to “1” for a read from the previously selected register.
5.
The Slave then acknowledges and transmits the data from the requested register. The Master does not acknowledge
(NAK) the transmitted data, but transmits a stop condition to end the data transfer.
Figure 11. Single Byte Read timing (I2C)
Table 10. Serial Interface pins
Pin Name
Pin Description
Notes
SCL
I2C Serial Clock
There are two signals associated with the I2C bus; the Serial Clock Line (SCL) and the
Serial Data line (SDA).
• SDA is a bidirectional line used for sending and receiving the data to/from the interface.
• External pullup resistors connected to VDDIO are expected for SDA and SCL. When the bus
is free, both SCL and SDA lines are high.
SDA
I2C Serial Data
Table 11. I2C Device address sequence
Command
[6:0]
Device address
[6:0]
Device address
R/W
8-bit final
value
Read
0011101
0x1D
1
0x3B
Write
0011101
0x1D
0
0x3A
Master
ST Device Address[7:1]
W
Register
Address[7:0]
SR Device Address[7:1]
R
NAK
SP
Slave
AK
AK
AK
Data[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com