Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
17
.
Figure 9. Z-Tilt angle lockout transition
5.10
Interrupt register configurations
There are 7 configurable interrupts in the MMA8652FC: Data Ready, Motion/Freefall, Tap (Pulse), Orientation, Transient, FIFO
events, and Auto-SLEEP events.
Figure 10. System interrupt generation
•
The MMA8652FC features an interrupt signal that indicates when a new set of measured acceleration data is available, thus
simplifying data synchronization in the digital system that uses the device.
•
The MMA8652FC may also be configured to generate other interrupt signals accordingly, to the programmable embedded
functions of the device for Motion, Freefall, Transient, Orientation, and Tap.
5.11
Serial I2C interface
Acceleration data may be accessed through an I2C interface, thus making the device particularly suitable for direct interfacing to
a microcontroller. The acceleration data and configuration registers embedded inside the MMA8652FC are accessed through the
I2C serial interface (Table 10).
•
To enable the I2C interface, VDDIO line must be tied high (i.e., to the interface supply voltage). If VDD is not present and
VDDIO is present, then the MMA8652FC is in OFF mode—and communications on the I2C interface are ignored.
UPRIGHT
NORMAL
90
°
Z-LOCK = 29°
0° FLAT
DETECTION
REGION
LOCKOUT
REGION
Figure 9 shows the Z-angle lockout
region.
When lifting the device upright from the
flat position, the device will be active for
orientation detection as low as 14° from 0°
flat. This is user-configurable.
The default angle is 29°, but the angle can
be set as low as 14°.
Interrupt
Controller
Data Ready
Motion/Freefall
Tap (Pulse)
Orientation
Transient
FIFO
Auto-SLEEP
INT ENABLE
INT CFG
INT1
INT2
77
7 configurable interrupts
These 7 interrupt sources can be
routed to one of two interrupt pins.
The interrupt source must be enabled
and configured.
If the event flag is asserted because
the event condition is detected, then
the corresponding interrupt pin (INT1
or INT2) will assert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com