Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
MMA8652FC
Sensors
16
Freescale Semiconductor, Inc.
•
The tap detection function has various customizing timers, for setting the pulse time width and the latency time between
pulses. There are programmable thresholds for all three axes.
•
The tap detection can be configured to run through the high-pass filter and also through a low-pass filter, which provides
more customizing and tunable tap detection schemes.
•
The status register provides updates on the axes where the event was detected and the direction of the tap.
5.9
Orientation detection
The MMA8652FC incorporates an advanced algorithm for orientation detection (ability to detect all 6 orientations) with
configurable trip points. The embedded algorithm allows the selection of the mid-point with the desired hysteresis value.
The MMA8652FC orientation detection algorithm confirms the reliability of the function with a configurable Z-lockout angle.
Based on the known functionality of linear accelerometers, it is not possible to rotate the device about the Z-axis, to detect change
in acceleration at slow angular speeds. The angle at which the device no longer detects the orientation change is referred to as
the “Z-lockout angle”. The device operates down to 14° from the flat position.
Figure 8 and Figure 9 show the definitions of the trip angles, going from landscape to portrait and then from portrait to landscape.
Figure 7. Landscape/Portrait orientation
Figure 8. Landscape to Portrait transition
Top View
PU
Earth Gravity
Pin 1
X @ 0g
Y @ -1g
Z @ 0g
Xout @ 1g
Yout @ 0g
Zout @ 0g
Xout @ 0g
Yout @ 1g
Zout @ 0g
Xout @ -1g
Yout @ 0g
Zout @ 0g
LL
PD
LR
Side View
FRONT
Xout @ 0g
Yout @ 0g
Zout @ 1g
BACK
Xout @ 0g
Yout @ 0g
Zout @ -1g
652
PORTRAIT
Landscape to Portrait
90
°
Trip Angle = 60
°
0° Landscape
PORTRAIT
Portrait to Landscape
90
°
Trip Angle = 30
°
0° Landscape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com