Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
MMA8652FC
Sensors
40
Freescale Semiconductor, Inc.
6.8.3
0x12 Portrait/Landscape Debounce register
The Portrait/Landscape Debounce register sets the debounce count for the orientation state transition. The minimum debounce
latency is determined by the data rate (which is set by the product of the selected system ODR and PL_COUNT registers). Any
transition from WAKE to SLEEP (or SLEEP to Wake) resets the internal Landscape/Portrait debounce counter.
NOTE
The debounce counter weighting (time step) changes, based on the ODR and the
Oversampling mode. Table 28 explains the time step value for all sample rates and all
Oversampling modes.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBNCE[7]
DBNCE[6]
DBNCE[5]
DBNCE[4]
DBNCE[3]
DBNCE[2]
DBNCE[1]
DBNCE[0]
Figure 32. 0x12 PL_COUNT register (Read/Write)
Table 27. PL_COUNT register
Bit(s)
Field
Description
7–0
DBCNE[7:0]
Debounce Count value
0000_0000 (default)
Table 28. PL_COUNT relationship with the ODR
ODR
(Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com