Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
MMA8652FC
Sensors
46
Freescale Semiconductor, Inc.
6.9.4
0x17: FF_MT_THS Freefall and Motion Threshold register
FF_MT_THS is the threshold register used to detect freefall motion events.
•
The unsigned 7-bit FF_MT_THS threshold register holds the threshold for the freefall detection where the magnitude of
the X and Y and Z acceleration values is lower or equal than the threshold value.
•
Conversely, the FF_MT_THS also holds the threshold for the motion detection where the magnitude of the X or Y or Z
acceleration value is higher than the threshold value.
Register quick jump table
The threshold resolution is 0.063g/LSB and the threshold register has a range of 0 to 127 counts. The maximum range is to 8g.
Note that even when the full scale value is set to 2g or 4g, the motion still detects up to 8g.
The DBCNTM bit configures the way in which the debounce counter is reset when the inertial event of interest is momentarily not
true.
•
When DBCNTM bit is 1, the debounce counter is cleared to 0 whenever the inertial event of interest is no longer true as
shown in Figure 40, (b).
•
While the DBCNTM bit is set to 0, the debounce counter is decremented by 1 whenever the inertial event of interest is no
longer true (Figure 40, (c)) until the debounce counter reaches 0 or until the inertial event of interest becomes active.
Decrementing the debounce counter acts as a median enabling the system to filter out irregular spurious events (which might
impede the detection of inertial events).
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Figure 38. 0x17 FF_MT_THS register (Read/Write)
Table 37. FF_MT_THS register
Bit(s)
Field
Description
7DBCNTM
Debounce counter mode selection
0 Increments or decrements debounce (default)
1 Increments or clears counter.
6–0
THS[6:0]
Freefall /Motion Threshold
000_0000 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com