Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
29
6.5
FIFO registers
The following registers are used to configure the FIFO. For more information about the FIFO, see application note AN4083, Data
Manipulation and Basic Settings for Xtrinsic MMA865xFC Accelerometers.
6.5.1
0x00: F_STATUS FIFO Status register (F_MODE > 0)
When F_MODE > 0, Register 0x00 becomes the FIFO Status Register, which is used to retrieve information about the FIFO. The
FIFO Status Register has a flag for the overflow and watermark, and also has a counter (which can be read to obtain the number
of samples stored in the buffer when the FIFO is enabled).
Register quick jump table
The F_OVF and F_WMRK_FLAG flags remain asserted while the event source is still active, but you can clear the FIFO interrupt
bit flag in the interrupt source register (INT_SOURCE) by reading the F_STATUS register. In this case, the SRC_FIFO bit in the
INT_SOURCE register will be set again when the next data sample enters the FIFO. Therefore, the F_OVF bit flag will remain
asserted while the FIFO has overflowed and the F_WMRK_FLAG bit flag will remain asserted while the F_CNT value is equal to
or greater than then F_WMRK value.
•
If the FIFO overflow flag is cleared and F_MODE = 11, then the FIFO overflow flag will remain 0 before the trigger event
(even if the FIFO is full and overflows).
•
If the FIFO overflow flag is set and F_MODE is = 11, then the FIFO has stopped accepting samples.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
F_OVF
F_WMRK_FLAG
F_CNT5
F_CNT4
F_CNT3
F_CNT2
F_CNT1
F_CNT0
Figure 22. 0x00 F_STATUS: FIFO STATUS register (Read-Only)
Table 15. FIFO Flag Event
F_OVF
F_WMRK_FLAG
Event Description
0
—
No FIFO overflow events were detected.
1
—
FIFO event was detected; the FIFO has overflowed.
—
0
No FIFO watermark events were detected.
—1
FIFO Watermark event was detected, which means that the FIFO sample count is greater than
watermark value.
If F_MODE = 11, then a Trigger Event was detected.
Table 16. FIFO Sample Count register
Bit(s)
Field
Description
5–0
F_CNTX[5:0]
FIFO sample counter
Indicates the number of acceleration samples currently stored in the FIFO buffer.
• Count 00_0000 indicates that the FIFO is empty. (Default value)
• 00_0001 to 10_0000 indicates that 1 to 32 samples are stored in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com