Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
MMA8652FC
Sensors
32
Freescale Semiconductor, Inc.
6.6
System status and ID registers
6.6.1
0x0B: SYSMOD System Mode register
The System mode register indicates the current device operating mode. Applications using the Auto-SLEEP/WAKE mechanism
should use the SYSMOD register to synchronize the application with the device operating mode transitions. The SYSMOD register
also indicates the status of the FIFO gate error and the number of samples since the gate error occurred.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FGERR
FGT_4
FGT_3
FGT_2
FGT_1
FGT_0
SYSMOD1
SYSMOD0
Figure 25. 0x0B SYSMOD: System Mode register (Read-Only)
Table 19. SYSMOD register
Bit(s)
Field
Description
7FGERR
FIFO Gate Error
0 No FIFO Gate Error detected. (default)
1 FIFO Gate Error was detected.
Emptying the FIFO buffer clears the FGERR bit in the SYS_MOD register.
For more information about configuring the FIFO Gate function, see Section 6.13.3, “0x2C: CTRL_REG3
Interrupt Control register”.
6–2
FGT[4:0]
Number of ODR time units since FGERR was asserted.
Reset when FGERR bit is cleared.
0_0000 (default)
1–0
SYSMOD[1:0]
System Mode
00 STANDBY mode (default)
01 WAKE mode
10 SLEEP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com