Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
25
2C
CTRL_REG3
Control Reg3
(WAKE Interrupts from
SLEEP) R/W
R/W
FIFO_GATE
WAKE_TRANS
WAKE_LNDPRT
WAKE_PULSE
WAKE_FF_MT
—
IPOL
PP_OD
2D
CTRL_REG4
Control Reg4
(Interrupt Enable Map)
R/W
R/W
INT_EN_ASLP
INT_EN_FIFO
INT_EN_TRANS
INT_EN_LNDPRT
INT_EN_PULSE
INT_EN_FF_MT
—
INT_EN_DRD
Y
2E
CTRL_REG5
Control Reg5
(Interrupt Configuration)
R/W
R/W
INT_CFG_ASLP
INT_CFG_FIFO
INT_CFG_TRANS
INT_CFG_LNDPR
T
INT_CFG_PULS
E
INT_CFG_FF_MT
—
INT_CFG_DR
DY
2F
OFF_X
X-axis 0g offset R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
30
OFF_Y
Y-axis 0g offset R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
31
OFF_Z
Z-axis 0g offset R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Table 13. MMA8652FC register summary (Continued)
Reg
Name
Definition
Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com