Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 57Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 58Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 59Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 60Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 61Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 62Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 63Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 64Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
61
6.13
System and control registers
NOTE
Except for STANDBY mode selection, the device must be in STANDBY mode to change any
of the fields within CTRL_REG1 (0x2A).
6.13.1
0x2A: CTRL_REG1 System Control 1 register
CTRL_REG1 register configures the Auto-WAKE sample frequency, output data rate selection, and enables the fast-read mode
and STANDBY/ACTIVE mode selection.
Register quick jump table
DR[2:0] bits select the Output Data Rate (ODR) for acceleration samples in WAKE mode. The default value is 000 for a data rate
of 800 Hz.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ASLP_RATE1
ASLP_RATE0
DR2
DR1
DR0
—
F_READ
ACTIVE
Figure 54. 0x2A CTRL_REG1 register (Read/Write)
Table 62. CTRL_REG1 register
Bit(s)
Field
Description
7–6
ASLP_RATE[1:0]
Configures the Auto-WAKE sample frequency when the device is in SLEEP Mode.
See Table 63.
00 (default)
5–3
DR[2:0]
Data rate selection
See Table 64.
000 (default)
1F_READ
Fast-read mode: Data format is limited to single byte
0 Normal mode (default)
1 Fast Read Mode
0ACTIVE
Full-scale selection
0 STANDBY mode (default)
1 ACTIVE mode
Table 63. SLEEP mode rates
ASLP_RATE1
ASLP_RATE0
Frequency (Hz)
Notes
00
50
When the device is in Auto-SLEEP mode, the system ODR and the
data rate for all the system functional blocks are overridden by the data
rate set by the ASLP_RATE field.
0
1
12.5
1
0
6.25
1
1
1.56
Table 64. System output data rate selection
DR2
DR1
DR0
ODR
(Hz)
Period
(ms)
Notes
0
0
0
800
1.25
default
0
0
1
400
2.5
0
1
0
200
5
0
1
1
100
10
1
0
0
50
20
1
0
1
12.5
80
1
1
0
6.25
160
1
1
1
1.56
640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com