Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
37
6.7.2
0x0F: HP_FILTER_CUTOFF High-Pass Filter register
The High-Pass Filter register sets the high-pass filter cutoff frequency for removal of the offset and slower changing acceleration
data. The output of this filter is logged in the data registers (0x01–0x06) when bit 4 (HPF_OUT) of Register 0x0E is set. The filter
cutoff options change based on the data rate selected, as shown in Table 24. For more information about the high-pass filter, see
application note AN4083, Data Manipulation and Basic Settings for Xtrinsic MMA865xFC Accelerometers.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
Pulse_HPF_BY
Pulse_LPF_EN
0
0
SEL1
SEL0
Figure 29. 0x0F HP_FILTER_CUTOFF: High-Pass filter register (Read/Write)
Table 23. High-Pass filter cutoff register
Bit(s)
Field
Description
5
Pulse_HPF_BYP
Bypass High-Pass Filter (HPF) for pulse processing function
0 HPF is enabled for pulse processing (default)
1 HPF is bypassed for pulse processing
4
Pulse_LPF_EN
Enable Low-Pass Filter (LPF) for pulse processing function
0 LPF is disabled for pulse processing (default)
1 LPF is enabled for pulse processing
1–0
SEL[1:0]
HPF cutoff frequency selection
00 (default value, see Table 24)
01, 10, 11 TBD
Table 24. High-Pass filter cutoff options
SEL1 SEL0
800 Hz
400 Hz
200 Hz
100 Hz
50 Hz
12.5 Hz
6.25 Hz
1.56 Hz
Oversampling Mode = Normal
0
0
16 Hz
16 Hz
8 Hz
4 Hz
2 Hz
2 Hz
2 Hz
2 Hz
0
1
8 Hz
8 Hz
4 Hz
2 Hz
1 Hz
1 Hz
1 Hz
1 Hz
1
0
4 Hz
4 Hz
2 Hz
1 Hz
0.5 Hz
0.5 Hz
0.5 Hz
0.5 Hz
1
1
2 Hz
2 Hz
1 Hz
0.5 Hz
0.25 Hz
0.25 Hz
0.25 Hz
0.25 Hz
Oversampling Mode = Low Noise Low Power
0
0
16 Hz
16 Hz
8 Hz
4 Hz
2 Hz
0.5 Hz
0.5 Hz
0.5 Hz
0
1
8 Hz
8 Hz
4 Hz
2 Hz
1 Hz
0.25 Hz
0.25 Hz
0.25 Hz
1
0
4 Hz
4 Hz
2 Hz
1 Hz
0.5 Hz
0.125 Hz
0.125 Hz
0.125 Hz
1
1
2 Hz
2 Hz
1 Hz
0.5 Hz
0.25 Hz
0.063 Hz
0.063 Hz
0.063 Hz
Oversampling Mode = High Resolution
0
0
16 Hz
16 Hz
16 Hz
16 Hz
16 Hz
16 Hz
16 Hz
16 Hz
0
1
8 Hz
8 Hz
8 Hz
8 Hz
8 Hz
8 Hz
8 Hz
8 Hz
1
0
4 Hz
4 Hz
4 Hz
4 Hz
4 Hz
4 Hz
4 Hz
4 Hz
1
1
2 Hz
2 Hz
2 Hz
2 Hz
2 Hz
2 Hz
2 Hz
2 Hz
Oversampling Mode = Low Power
0
0
16 Hz
8 Hz
4 Hz
2 Hz
1 Hz
0.25 Hz
0.25 Hz
0.25 Hz
0
1
8 Hz
4 Hz
2 Hz
1 Hz
0.5 Hz
0.125 Hz
0.125 Hz
0.125 Hz
1
0
4 Hz
2 Hz
1 Hz
0.5 Hz
0.25 Hz
0.063 Hz
0.063 Hz
0.063 Hz
1
1
2 Hz
1 Hz
0.5 Hz
0.25 Hz
0.125 Hz
0.031 Hz
0.031 Hz
0.031 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com