Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 59Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 60Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 61Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 62Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 63Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 64Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 65Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 66Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
63
6.13.2
0x2B: CTRL_REG2 System Control 2 register
CTRL_REG2 register is used to enable Self-Test, Software Reset, and Auto-SLEEP. In addition, it enables you to configure the
SLEEP and WAKE mode power scheme selection (oversampling modes).
Register quick jump table
When the reset bit is enabled, all registers are reset and are loaded with default values. Writing ‘1’ to the RST bit immediately
resets the device, no matter whether it is in ACTIVE/WAKE, ACTIVE/SLEEP, or STANDBY mode.
The I2C communication system is reset to avoid accidental corrupted data access.
At the end of the boot process the RST bit is deasserted to 0. Reading this bit will return a value of zero.
The (S)MODS[1:0] bits select which Oversampling mode is to be used, as shown in Table 67. The Oversampling modes are
available in both WAKE Mode MOD[1:0] and also in the SLEEP Mode SMOD[1:0].
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ST
RST
0
SMODS1
SMODS0
SLPE
MODS1
MODS0
Figure 55. 0x2B CTRL_REG2 register (Read/Write)
Table 66. CTRL_REG2 register
Bit(s)
Field
Description
7ST
Self-Test Enable
Activates the self-test function.
• When ST is set, the X, Y, and Z outputs will shift.
0 Self-Test disabled (default)
1 Self-Test enabled
6RST
Software Reset
RST bit is used to activate the software reset.
• The reset mechanism is enabled in both STANDBY and ACTIVE modes.
0 Device reset disabled (default)
1 Device reset enabled.
4–3
SMODS[1:0]
SLEEP mode power scheme selection
See Table 67 and Table 68
00 (default)
2SLPE
Auto-SLEEP enable
0 Auto-SLEEP is not enabled (default)
1 Auto-SLEEP is enabled.
1–0
MODS[1:0]
ACTIVE mode power scheme selection
See Table 67 and Table 68
00 (default)
Table 67. (S)MODS Oversampling modes
(S)MODS1
(S)MODS0
Power Mode
0
0
Normal
0
1
Low Noise Low Power
1
0
High Resolution
1
1
Low Power
Table 68. MODS Oversampling modes averaging values at each ODR
ODR
Mode
Normal (00)
Low Noise Low Power (01)
High Resolution (10)
Low Power (11)
Current
μA OS Ratio
Current
μA
OS Ratio
Current
μA OS Ratio Current μA OS Ratio
1.56 Hz
TBD
128
TBD
32
TBD
1024
TBD
16
50 Hz
TBD
4
TBD
4
TBD
32
TBD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com