Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
13
5
Functionality
The MMA8652FC is a low-power, digital output 3-axis linear accelerometer with a I
2C interface, and has embedded logic that is
used to detect events and notify an external microprocessor over interrupt lines.
•
8-bit or 12-bit data, high-pass filtered data, 8-bit or 12-bit configurable 32-sample FIFO
•
Four different oversampling options that allow for the optimum resolution vs. current consumption trade-off to be made for a
given application
•
Low power and auto-WAKE/SLEEP modes for reducing current consumption
•
Single/double tap with directional information (1 channel)
•
Motion detection with directional information or Freefall (1 channel)
•
Transient/jolt detection based on a high-pass filter, with a settable threshold for detecting the change in acceleration above
a threshold with directional information (1 channel)
•
Flexible user-configurable portrait landscape detection algorithm, for addressing many use cases for screen orientation
•
Two independent interrupt output pins that are programmable among 7 interrupt sources (Data Ready, Motion/Freefall, Tap,
Orientation, Transient, FIFO and Auto-WAKE)
All functionality is available in 2g, 4g or 8g dynamic measurement ranges. There are many configuration settings for enabling all of
the different functions. Separate application notes are available to help configure the device for each embedded functionality.
5.1
Device calibration
The device is factory calibrated for sensitivity and Zero-g offset for each axis. The trim values are stored in Non-Volatile Memory
(NVM). On power-up, the trim parameters are read from NVM and applied to the circuitry. In normal use, further calibration in the
end application is not necessary. However, the MMA8652FC allows you to adjust the offset for each axis after power-up, by
changing the default offset values. The user offset adjustments are stored in 3 volatile 8-bit registers (OFF_X, OFF_Y, OFF_Z).
5.2
8-bit or 12-bit data
The measured acceleration data is stored in the following registers as 2’s complement 12-bit numbers:
•
OUT_X_MSB, OUT_X_LSB
•
OUT_Y_MSB, OUT_Y_LSB
•
OUT_Z_MSB, OUT_Z_LSB
The most significant 8-bits of each axis are stored in OUT_X (Y, Z)_MSB, so applications needing only 8-bit results can use these
3 registers (and ignore the OUT_X/Y/Z_LSB registers). To do this (use only 8-bit results), the F_READ bit in CTRL_REG1 must
be set. When the F_READ bit is cleared, the fast read mode is disabled.
•
When the full-scale is set to 2g, the measurement range is -2g to +1.999g, and each count corresponds to (1/1024)g
(0.98mg) at 12-bits resolution.
•
When the full-scale is set to 4g, the measurement range is -4g to +3.998g, and each count corresponds to (1/512)g
•
(1.96mg) at 12-bits resolution.
•
When the full-scale is set to 8g, the measurement range is -8g to +7.996g, and each count corresponds to (1/256)g (3.9
mg) at 12-bits resolution.
•
If only the 8-bit results are used, then the resolution is reduced by a factor of 16.
For more information about the data manipulation between data formats and modes, see application note AN4083, Data
Manipulation and Basic Settings for Xtrinsic MMA865xFC Accelerometers. There is a device driver available that can be used
with the Sensor Toolbox demo board (LFSTBEB865xFC) with this application note.
Table 8. Accelerometer 12-bit output data
12-bit data
Range ±2g (1 mg)
Range ±4g (2 mg)
Range ±8g (4 mg)
0111 1111 1111
1.999g
+3.998g
+7.996g
0111 1111 1110
1.998g
+3.996g
+7.992g
……
…
…
0000 0000 0001
0.001g
+0.002g
+0.004g
0000 0000 0000
0.0000g
0.0000g
0.0000g
1111 1111 1111
-0.001g
-0.002g
-0.004g
……
…
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com