Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
MMA8652FC
Sensors
42
Freescale Semiconductor, Inc.
6.8.5
0x14: P_L_THS_REG Portrait/Landscape Threshold and Hysteresis register
This register represents the Portrait-to-Landscape trip threshold register used to set the trip angle for transitioning from Portrait
to Landscape mode and from Landscape to Portrait mode. This register includes a value for the hysteresis.
Table 33 is a look-up table to set the threshold. This is the center value that will be set for the trip point from portrait to landscape
and from landscape to portrait. The default trip angle is 45° (0x10). The default hysteresis is ±14°.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P_L_THS[4]
P_L_THS[3]
P_L_THS[2]
P_L_THS[1]
P_L_THS[0]
HYS[2]
HYS[1]
HYS[0]
Figure 34. 0x14: P_L_THS_REG register (Read/Write)
Table 32. P_L_THS_REG register
Bit(s)
Field
Description
Notes
7–3
P_L_THS[7:3]
Portrait/Landscape trip threshold angle (from 15° to 75°)
See Table 33 for the values with the corresponding approximate
threshold angle.
1_0000
(45°) (default)
For the landscape/portrait detection to work
correctly,
THS + HYS > 0
and THS + HYS < 32.
All angles are accurate to ±2°.
2–0
HYS[2:0]
Hysteresis value
This angle is added to the threshold angle, for a smoother transition
from portrait to landscape and landscape to portrait.
This angle ranges from 0° to ±24°.
100 (±14°) (default)
Table 33. Threshold angle thresholds look-up table
Threshold Angle
(approximately)
5-bit Register
Value
15°
0x07
20°
0x09
30°
0x0C
35°
0x0D
40°
0x0F
45°
0x10
55°
0x13
60°
0x14
70°
0x17
75°
0x19
Table 34. Trip angles with hysteresis for 45° angle
Hysteresis
Register Value
Hysteresis
± Angle Range
Landscape-to-Portrait
Trip Angle
Portrait-to-Landscape
Trip Angle
0
±0
45°
45°
1
±4
49°
41°
2
±7
52°
38°
3
±11
56°
34°
4
±14
59°
31°
5
±17
62°
28°
6
±21
66°
24°
7
±24
69°
21°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com