Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 63Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 64Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 65Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 66Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 67Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 68Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 69Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 70Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
67
6.13.5
0x2E CTRL_REG5 Interrupt Configuration register (Read/Write)
CTRL_REG5 register maps the desired interrupts to INT2 or INT1 pins.
The system’s interrupt controller (shown in Figure 10) uses the corresponding bit field in the CTRL_REG5 register, to determine
the routing table for the INT1 and INT2 interrupt pins.
•
If the bit value is 0, then the functional block’s interrupt is routed to INT2.
•
If the bit value is 1, then the functional block’s interrupt is routed to INT1.
One or more functions can assert an interrupt pin; therefore a host application responding to an interrupt should read the
INT_SOURCE (0x0C) register, to determine the appropriate sources of the interrupt.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_CFG_ASLP
INT_CFG_FIFO
INT_CFG_TRANS INT_CFG_LNDPRT INT_CFG_PULSE
INT_CFG_FF_MT
0
INT_CFG_DRDY
Figure 58. 0x2E: CTRL_REG5 Interrupt Configuration register
Table 71. 0x2E CTRL_REG5 register
Bit(s)
Field
Description
7
INT_CFG_ASLP
Auto-SLEEP/WAKE INT1/INT2 Configuration
0 Interrupt is routed to INT2 pin (default)
1 Interrupt is routed to INT1 pin
6INT_CFG_FIFO
FIFO INT1/INT2 Configuration
5INT_CFG_TRANS
Transient INT1/INT2 Configuration
4
INT_CFG_LNDPRT
Orientation INT1/INT2 Configuration
3INT_CFG_PULSE
Pulse INT1/INT2 Configuration
2INT_CFG_FF_MT
Freefall/motion INT1/INT2 Configuration
0
INT_CFG_DRDY
Data Ready INT1/INT2 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com