Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
MMA8652FC
Sensors
30
Freescale Semiconductor, Inc.
6.5.2
0x09: F_SETUP FIFO Setup register
Register quick jump table
The FIFO mode can be changed while in the Active mode. The Active mode must first be disabled (F_MODE = 00), before the
mode can be switched between Fill mode, Circular mode, and Trigger mode.
A FIFO sample count exceeding the watermark event does not stop the FIFO from accepting new data. The FIFO update rate is
dictated by the selected system ODR.
•
In ACTIVE mode, the ODR is set by the DR bits (CTRL_REG1 register).
•
When Auto-SLEEP is active, the ODR is set by the ASLP_RATE field (CTRL_REG1 register).
When a byte is read from the FIFO buffer, the oldest sample data in the FIFO buffer is returned (and also deleted from the front of
the FIFO buffer), while the FIFO sample count is decremented by one. It is assumed that the host application will use the I
2C multi-
byte read transaction to empty the FIFO.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
F_MODE1
F_MODE0
F_WMRK5
F_WMRK4
F_WMRK3
F_WMRK2
F_WMRK1
F_WMRK0
Figure 23. 0x09 F_SETUP: FIFO Setup register (Read/Write)
Table 17. F_SETUP register
Bit(s)
Field
Description
7–6
F_MODE[1:0]((1))((2))
1. Bit field can be written in ACTIVE mode.
2. Bit field can be written in STANDBY mode.
FIFO buffer overflow mode
00 FIFO is disabled. (default)
01 FIFO contains the most recent samples when overflowed (circular buffer).
The oldest sample is discarded and replaced by a new sample.
10 FIFO stops accepting new samples when overflowed.
11 Trigger mode. The FIFO will be in a circular mode up to the number of samples in the watermark. The
FIFO will be in a circular mode until the trigger event occurs, after which the FIFO will continue to accept
samples for 32-WMRK samples and then stop receiving further samples. This allows data to be collected
both before and after the trigger event, and it is definable by the watermark setting.
• The FIFO is flushed whenever the FIFO is disabled, during an automatic ODR change (Auto-WAKE/
SLEEP), or transitioning from STANDBY mode to ACTIVE mode.
• Disabling the FIFO (F_MODE = 00) resets the F_OVF, F_WMRK_FLAG, F_CNT to zero.
• A FIFO overflow event (i.e., F_CNT = 32) will assert the F_OVF flag and a FIFO sample count equal to the
sample count watermark (i.e., F_WMRK) asserts the F_WMRK_FLAG event flag.
5–0
F_WMRK[5:0](2)
FIFO Event Sample Count Watermark
These bits set the number of FIFO samples required to trigger a watermark interrupt.
A FIFO watermark event flag is raised when FIFO sample count F_CNT[5:0]
≥ F_WMRK[5:0] watermark.
• Setting the F_WMRK[5:0] to 00_0000 will disable the FIFO watermark event flag generation.
• Also used to set the number of pre-trigger samples in Trigger mode.
00_0000 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com