Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA8652FC Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
Freescale Semiconductor
Document Number: MMA8652FC
Data Sheet: Product Preview
Rev. 0, 08/2012
© 2012 Freescale Semiconductor, Inc. All rights reserved.
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
Xtrinsic MMA8652FC 3-Axis, 12-bit
Digital Accelerometer
The MMA8652FC is an intelligent, low-power, three-axis, capacitive
micromachined accelerometer with 12 bits of resolution. This accelerometer is
packed with embedded functions with flexible user programmable options,
configurable to two interrupt pins. Embedded interrupt functions enable overall
power savings, by relieving the host processor from continuously polling data.
There is access to either low-pass or high-pass filtered data, which minimizes the
data analysis required for jolt detection and faster transitions. The device can be
configured to generate inertial wake-up interrupt signals from any combination of
the configurable embedded functions, enabling the MMA8652FC to monitor
inertial events and to remain in a low-power mode during periods of inactivity. The
MMA8652FC is available in a small 10-pin DFN package (2 mm x 2 mm x 1 mm).
Features
•
1.95V to 3.6V supply voltage
•
1.62V to 3.6V digital interface voltage
•
±2g, ±4g, and ±8g dynamically selectable full-scale ranges
•
Output Data Rates (ODR) from 1.56 Hz to 800 Hz
•
12-bit digital output
•I2C digital output interface with programmable interrupts
•
Four embedded channels of configurable motion detection (Freefall, Motion,
Pulse, Transient)
•
Orientation (Portrait/Landscape) detection with programmable hysteresis
•
Automatic ODR change triggered by the Auto-Wake / Sleep state change
•
32-sample FIFO
•
High-Pass Filter Data available per sample and through the FIFO
•Self-Test
Typical Applications
•
eCompass applications tilt compensation
•
Static orientation detection (Portrait/Landscape, Up/Down, Left/Right, Back/Front position identification)
•
Notebook, eReader, and Laptop Tumble and Freefall Detection
•
Real-time orientation detection (virtual reality and gaming 3D user position feedback)
•
Real-time activity analysis (pedometer step counting, freefall drop detection for HDD, dead-reckoning GPS backup)
•
Motion detection for portable product power saving (Auto-SLEEP and Auto-WAKE for cell phone, PDA, GPS, gaming)
•
Shock and vibration monitoring (mechatronic compensation, shipping and warranty usage logging)
•
User interface (menu scrolling by orientation change, tap detection for button replacement)
ORDERING INFORMATION
Part Number
Temperature Range
Package Description
Shipping
MMA8652FCR1
-40°C to +85°C
DFN-10
Tape and Reel
MMA8652FC
Top View
Pin Connections
VDD
SCL
INT1
BYP
INT2
SDA
GND
GND
VDDIO
GND
1
2
3
4
5
10
9
8
7
6
MMA8652FC
10-PIN DFN
2 mm x 2 mm x 1 mm
CASE 2162
Top and Bottom View


Similar Part No. - MMA8652FC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
MMA8652FCR1 NXP-MMA8652FCR1 Datasheet
787Kb / 65P
MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results

Similar Description - MMA8652FC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8450Q FREESCALE-MMA8450Q Datasheet
628Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q Datasheet
654Kb / 53P
3-Axis, 14-bit/8-bit Digital Accelerometer
MMA8451Q FREESCALE-MMA8451Q_12 Datasheet
447Kb / 52P
3-Axis, 14-bit 8-bit Digital Accelerometer
MMA8653FC FREESCALE-MMA8653FC Datasheet
1Mb / 56P
Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
3-Axis, 12-bit/8-bit Digital Accelerometer
MMA8450Q FREESCALE-MMA8450Q_12 Datasheet
399Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
MMA8491Q FREESCALE-MMA8491Q Datasheet
435Kb / 26P
Xtrinsic MMA8491Q 3-Axis Multifunction Digital Accelerometer
MMA8453QR1 FREESCALE-MMA8453QR1 Datasheet
1Mb / 47P
Xtrinsic MMA8453Q 3-Axis, 10-bit/8-bit Digital Accelerometer
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
MMA8652FC NXP-MMA8652FC Datasheet
787Kb / 65P
MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
Rev. 3.3, 10/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com