Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
MMA8652FC
Sensors
36
Freescale Semiconductor, Inc.
6.7
Data configuration registers
6.7.1
0x0E: XYZ_DATA_CFG register
The XYZ_DATA_CFG register sets the dynamic range and sets the high-pass filter for the output data. When the HPF_OUT bit
is set, the FIFO and DATA registers both will contain high-pass filtered data.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
000
HPF_OUT
0
0
FS1
FS0
Figure 28. 0x0E: XYZ_DATA_CFG register (Read/Write)
Table 21. XYZ Data Configuration register
Bit(s)
Field
Description
4HPF_OUT
Enable High-pass output data
1 Output data is high-pass filtered.
0 Output data is not high-pass filtered. (default)
The default full scale value range is 2g
and the high-pass filter is disabled.
1–0
FS[1:0]
Output buffer data format using full scale
00 2g (default)
01, 10, 11 TBD
Table 22. Full Scale Range
FS1
FS0
Full Scale Range
00
2
01
4
10
8
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com