Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 55Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 56Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 57Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 58Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 59Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 60Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 61Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 62Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
59
6.12
Auto-WAKE/SLEEP register
6.12.1
0x29: ASLP_COUNT, Auto-WAKE/SLEEP Detection register (Read/Write)
The ASLP_COUNT register sets the minimum time period of inactivity required to switch the part between Wake and Sleep
status. At the end of the time period, the device switches its ODR rate automatically when the Auto-WAKE /SLEEP function is
enabled.
•
Wake ODR is set by CTRL_REG1[DR] bits.
•
Sleep ODR is set by CTRL_REG1[ASLP_RATE] bits.
•
Auto WAKE/SLEEP function is enabled by asserting the CTRL_REG2[SLPE] bit.
Register quick jump table
D7–D0 defines the minimum duration time needed to change the current ODR value from DR to ASLP_RATE. The time step and
maximum value depend on the ODR chosen (as shown in Table 60).
For functional blocks that may be monitored for inactivity (to trigger the “return to SLEEP” event), see Table 61.
•
4 interrupt sources can WAKE the device: Transient, Orientation, Tap, and the Motion/Freefall. One or more of these
functions can be enabled.
—
To WAKE the device, the desired function(s) must be enabled in CTRL_REG4 register and set to WAKE-to-SLEEP
in CTRL_REG3 register.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 53. 0x29 ASLP_COUNT register (Read/Write)
Table 59. ASLP_COUNT register
Bit(s)
Field
Description
7–0
D[7:0]
Duration value
0000_0000 (default)
Table 60. ASLP_COUNT relationship with ODR
Output Data Rate
(ODR)
Duration
(sec)
ODR Time Step
(ms)
ASLP_COUNT Step
(ms)
800 Hz
0 to 81
1.25
320
400 Hz
0 to 81
2.5
320
200 Hz
0 to 81
5
320
100 Hz
0 to 81
10
320
50 Hz
0 to 81
20
320
12.5 Hz
0 to 81
80
320
6.25 Hz
0 to 81
160
320
1.56 Hz
0 to 162
640
640
Table 61. SLEEP/WAKE mode gates and triggers
Interrupt Source
Will the event restart the timer
and delay “Return to SLEEP”?
Will the event
WAKE from SLEEP?
Notes
FIFO_GATE
Yes
No
* If the FIFO_GATE bit is set to 1, then the assertion of the
SRC_ASLP interrupt does not prevent the system from
transitioning to SLEEP or from WAKE mode; instead the
assertion of the interrupt prevents the FIFO buffer from
accepting new sample data—until the host application
flushes the FIFO buffer.
SRC_TRANS
Yes
Yes
SRC_LNDPRT
Yes
Yes
SRC_PULSE
Yes
Yes
SRC_FF_MT
Yes
Yes
SRC_ASLP
No*
No*
SRC_DRDY
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com