Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
33
6.6.2
0x0C: INT_SOURCE System Interrupt Status register
In the interrupt source register, the status of the various embedded features can be determined.
•
The bits that are set (logic ‘1’) indicate which function has asserted an interrupt.
•
The bits that are cleared (logic ‘0’) indicate which function has not asserted (or has deasserted) an interrupt.
INT_SOURCE register bits are set by a low-to-high transition, and are cleared by reading the appropriate interrupt source register.
For example, the SRC_DRDY bit is cleared when the ZYXDR bit (STATUS register) is cleared, but the SRC_DRDY bit is not
cleared by simply reading the STATUS register (0x00), but is cleared by reading all the X, Y, and Z MSB data.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRC_ASLP
SRC_FIFO
SRC_TRANS
SRC_LNDPRT
SRC_PULSE
SRC_FF_MT
—
SRC_DRDY
Figure 26. 0x0C INT_SOURCE: System Interrupt Status register (Read Only)
Table 20. INT_SOURCE register
Bit(s)
Field
Description
7
SRC_ASLP
Auto-SLEEP/WAKE interrupt status bit
• WAKE-to-SLEEP transition occurs when no interrupt occurs for a time period that exceeds the user-
specified limit (ASLP_COUNT). This causes the system to transition to a user-specified low ODR setting.
• SLEEP-to-WAKE transition occurs when the user-specified interrupt event has woken the system; thus
causing the system to transition to a user-specified high ODR setting.
• Reading the SYSMOD register clears the SRC_ASLP bit.
1 An interrupt event that can cause a WAKE-to-SLEEP or SLEEP-to-WAKE system mode transition has
occurred.
0 No WAKE-to-SLEEP or SLEEP-to-WAKE system mode transition interrupt event has occurred. (default)
6SRC_FIFO
FIFO interrupt status bit
• FIFO interrupt event generators: FIFO Overflow, or (Watermark: F_CNT = F_WMRK) and the interrupt has
been enabled.
• SRC_FIFO bit is cleared by reading the F_STATUS register.
1 A FIFO interrupt event (such as an overflow event or watermark) has occurred.
0 No FIFO interrupt event has occurred. (default)
5
SRC_TRANS
Transient interrupt status bit
• SRC_TRANS bit is asserted whenever the EA bit (TRANS_SRC register) is asserted and the interrupt has
been enabled.
• SRC_TRANS bit is cleared by reading the TRANS_SRC register.
1An acceleration transient value greater than user-specified threshold has occurred.
0 No transient event has occurred. (default)
4
SRC_LNDPRT
Landscape/Portrait Orientation interrupt status bit
• SRC_LNDPRT bit is asserted whenever the NEWLP bit (PL_STATUS register) is asserted and the interrupt
has been enabled.
• SRC_LNDPRT bit is cleared by reading the PL_STATUS register.
1 An interrupt was generated due to a change in the device orientation status.
0 No change in orientation status was detected. (default)
3
SRC_PULSE
Pulse interrupt status bit
• SRC_PULSE bit is asserted whenever the EA bit (PULSE_SRC register) is asserted and the interrupt has
been enabled.
• SRC_PULSE bit is cleared by reading the PULSE_SRC register.
1 An interrupt was generated due to single and/or double pulse event.
0 No pulse event was detected. (default)
2
SRC_FF_MT
Freefall/Motion interrupt status bit
• SRC_FF_MT bit is asserted whenever the EA bit (FF_MT_SRC register) is asserted and the FF_MT
interrupt has been enabled.
• SRC_FF_MT bit is cleared by reading the FF_MT_SRC register.
1 The Freefall/Motion function interrupt is active.
0 No Freefall or Motion event was detected. (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com