Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 61Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 62Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 63Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 64Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 65Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 66Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 67Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 68Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
65
6.13.3
0x2C: CTRL_REG3 Interrupt Control register
CTRL_REG3 register is used to control the Auto-WAKE/SLEEP function by setting the orientation or Freefall/Motion as an
interrupt to wake. CTRL_REG3 register also configures the interrupt pins INT1 and INT2.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FIFO_GATE
WAKE_TRANS
WAKE_LNDPRT
WAKE_PULSE
WAKE_FF_MT
0
IPOL
PP_OD
Figure 56. 0x2C CTRL_REG3 register (Read/Write)
Table 69. CTRL_REG3 register
Bit(s)
Field
Description
7
FIFO_GATE
FIFO Gate
0 FIFO gate is bypassed. (default)
FIFO is flushed upon the system mode transitioning from WAKE to SLEEP mode or from SLEEP to WAKE
mode.
1 The FIFO input buffer is blocked when transitioning from WAKE to SLEEP mode or from SLEEP to WAKE
mode, until the FIFO is flushed. Although the system transitions from WAKE to SLEEP or from SLEEP to
WAKE—the contents of the FIFO buffer are preserved, and new data samples are ignored until the FIFO is
emptied by the host application.
If the FIFO_GATE bit is set to 1 and the FIFO buffer is not emptied before the arrival of the next sample,
then the FGERR bit in the SYS_MOD register (0x0B) will be asserted. The FGERR bit remains asserted as
long as the FIFO buffer remains un-emptied. Emptying the FIFO buffer clears the FGERR bit in the
SYS_MOD register.
6
WAKE_TRANS
Wake from Transient interrupt
0 Transient function is bypassed in SLEEP mode. (default)
1 Transient function interrupt can wake up system
5
WAKE_LNDPRT
Wake from Orientation interrupt
0 Orientation function is bypassed in SLEEP mode. (default)
1 Orientation function interrupt can wake up system
4
WAKE_PULSE
Wake from Pulse interrupt
0 Pulse function is bypassed in SLEEP mode. (default)
1 Pulse function interrupt can wake up system
3
WAKE_FF_MT
Wake from Freefall/Motion interrupt
0 Freefall/Motion function is bypassed in SLEEP mode. (default)
1 Freefall/Motion function interrupt can wake up
1IPOL
Interrupt polarity
Selects the polarity of the interrupt signal.
When IPOL is 0 (default value), any interrupt event is signaled with a logical 0.
0 ACTIVE low (default)
1 ACTIVE high
0
PP_OD
Push-Pull/Open-Drain selection on interrupt pad
Configures the interrupt pin to Push-Pull or to Open-Drain mode.
The Open-Drain configuration can be used for connecting multiple interrupt signals on the same interrupt line.
0 Push-Pull (default)
1 Open Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com