Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 52Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 53Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 54Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 55Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
MMA8652FC
Sensors
52
Freescale Semiconductor, Inc.
6.10.4
0x20 TRANSIENT_COUNT register
The TRANSIENT_COUNT sets the minimum number of debounce counts continuously matching the condition where the
unsigned value of high-pass filtered data is greater than the user-specified value of TRANSIENT_THS.
Register quick jump table
The time step for the transient detection debounce counter is set by the value of the system ODR and the Oversampling mode.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 44. 0x20 TRANSIENT_COUNT register (Read/Write)
Table 43. TRANSIENT_COUNT register
Bit(s)
Field
Description
7–0
D[7:0]
Count value
0000_0000 (default)
Table 44. TRANSIENT_COUNT relationship with the ODR
ODR (Hz)
Max Time Range (s)
Time Step (ms)
Normal
LPLN
HighRes
LP
Normal
LPLN
HighRes
LP
800
0.319
0.319
0.319
0.319
1.25
1.25
1.25
1.25
400
0.638
0.638
0.638
0.638
2.5
2.5
2.5
2.5
200
1.28
1.28
0.638
1.28
5
5
2.5
5
100
2.55
2.55
0.638
2.55
10
10
2.5
10
50
5.1
5.1
0.638
5.1
20
20
2.5
20
12.5
5.1
20.4
0.638
20.4
20
80
2.5
80
6.25
5.1
20.4
0.638
40.8
20
80
2.5
160
1.56
5.1
20.4
0.638
40.8
20
80
2.5
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com