Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8652FC Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
27
6.4.2
0x01: OUT_X_MSB, Accelerometer X-axis Data register
6.4.3
0x02: OUT_X_LSB, Accelerometer X-axis Data register
6.4.4
0x03: OUT_Y_MSB, Accelerometer Y-axis Data register
6.4.5
0x04: OUT_Y_LSB, Accelerometer Y-axis Data register
6.4.6
0x05: OUT_Z_MSB, Accelerometer Z-axis Data register
6.4.7
0x06: OUT_Z_LSB, Accelerometer Z-axis Data register
These registers contain the X-axis, Y-axis, and Z-axis12-bit output sample data (expressed as 2's complement numbers).
NOTE:
–
If the FIFO data output register driver is disabled, then the sample data output registers store the current
sample data.
–
If the FIFO data output register driver is enabled (F_MODE > 00), then the sample data output registers point
to the head of the FIFO buffer (Register 0x01 X_MSB), which contains the previous 32 X, Y, and Z data
samples.
Register quick jump table
Register quick jump table
Register quick jump table
Register quick jump table
Register quick jump table
Register quick jump table
•
OUT_X_MSB, OUT_X_LSB, OUT_Y_MSB, OUT_Y_LSB, OUT_Z_MSB, and OUT_Z_LSB are stored in the auto-
incrementing address range of 0x01 – 0x06, to reduce reading the status followed by 12-bit axis data to 7 bytes. If the
F_READ bit is set (0x2A bit 1), then auto-increment will skip over LSB registers (to access the MSB data only). This will
shorten the data acquisition from 7 bytes to 4 bytes.
•
The LSB registers can only be read immediately following the read access of the corresponding MSB register.
—
A random read access to the LSB registers is not possible.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XD11
XD10
XD9
XD8
XD7
XD6
XD5
XD4
Figure 16. 0x01 OUT_X_MSB: X_MSB register (Read-Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XD3
XD2
XD1
XD0
0
0
0
0
Figure 17. 0x02 OUT_X_LSB: X_LSB register (Read-Only)
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
YD11
YD10
YD9
YD8
YD7
YD6
YD5
YD4
Figure 18. 0x03 OUT_Y_MSB: Y_MSB register (Read-Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
YD3
YD2
YD1
YD0
0
0
0
0
Figure 19. 0x04 OUT_Y_LSB: Y_LSB register (Read-Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZD11
ZD10
ZD9
ZD8
ZD7
ZD6
ZD5
ZD4
Figure 20. 0x05 OUT_Z_MSB: Z_MSB register (Read-Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZD3
ZD2
ZD1
ZD0
0
0
0
0
Figure 21. 0x06 OUT_Z_LSB: Z_LSB register (Read-Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com