Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 124 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 124 Page - Texas Instruments

Back Button C6416 Datasheet HTML 120Page - Texas Instruments C6416 Datasheet HTML 121Page - Texas Instruments C6416 Datasheet HTML 122Page - Texas Instruments C6416 Datasheet HTML 123Page - Texas Instruments C6416 Datasheet HTML 124Page - Texas Instruments C6416 Datasheet HTML 125Page - Texas Instruments C6416 Datasheet HTML 126Page - Texas Instruments C6416 Datasheet HTML 127Page - Texas Instruments C6416 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
124
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
UTOPIA SLAVE TIMING [C6415 AND C6416 ONLY]
timing requirements for UXCLK† (see Figure 57)
NO.
MIN
MAX
UNIT
1
tc(UXCK)
Cycle time, UXCLK
20*
ns
2
tw(UXCKH)
Pulse duration, UXCLK high
0.4tc(UXCK)*
0.6tc(UXCK)*
ns
3
tw(UXCKL)
Pulse duration, UXCLK low
0.4tc(UXCK)*
0.6tc(UXCK)*
ns
4
tt(UXCK)
Transition time, UXCLK
2*
ns
*This parameter is not production tested.
† The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
UXCLK
1
2
3
4
4
Figure 57. UXCLK Timing
timing requirements for URCLK† (see Figure 58)
NO.
MIN
MAX
UNIT
1
tc(URCK)
Cycle time, URCLK
20*
ns
2
tw(URCKH)
Pulse duration, URCLK high
0.4tc(URCK)*
0.6tc(URCK)*
ns
3
tw(URCKL)
Pulse duration, URCLK low
0.4tc(URCK)*
0.6tc(URCK)*
ns
4
tt(URCK)
Transition time, URCLK
2*
ns
*This parameter is not production tested.
† The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
URCLK
1
2
3
4
4
Figure 58. URCLK Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com