Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 125 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 125 Page - Texas Instruments

Back Button C6416 Datasheet HTML 121Page - Texas Instruments C6416 Datasheet HTML 122Page - Texas Instruments C6416 Datasheet HTML 123Page - Texas Instruments C6416 Datasheet HTML 124Page - Texas Instruments C6416 Datasheet HTML 125Page - Texas Instruments C6416 Datasheet HTML 126Page - Texas Instruments C6416 Datasheet HTML 127Page - Texas Instruments C6416 Datasheet HTML 128Page - Texas Instruments C6416 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
125
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
UTOPIA SLAVE TIMING [C6415 AND C6416 ONLY] (CONTINUED)
timing requirements for UTOPIA Slave transmit (see Figure 59)
NO.
MIN
MAX
UNIT
2
tsu(UXAV-UXCH)
Setup time, UXADDR valid before UXCLK high
4
ns
3
th(UXCH-UXAV)
Hold time, UXADDR valid after UXCLK high
1
ns
8
tsu(UXENBL-UXCH)
Setup time, UXENB low before UXCLK high
4
ns
9
th(UXCH-UXENBL)
Hold time, UXENB low after UXCLK high
1
ns
switching characteristics over recommended operating conditions for UTOPIA Slave transmit
(see Figure 59)
NO.
PARAMETER
MIN
MAX
UNIT
1
td(UXCH-UXDV)
Delay time, UXCLK high to UXDATA valid
3
12
ns
4
td(UXCH-UXCLAV)
Delay time, UXCLK high to UXCLAV driven active value
3
12
ns
5
td(UXCH-UXCLAVL)
Delay time, UXCLK high to UXCLAV driven inactive low
3*
12*
ns
6
td(UXCH-UXCLAVHZ)
Delay time, UXCLK high to UXCLAV going Hi-Z
9*
18.5*
ns
7
tw(UXCLAVL-UXCLAVHZ)
Pulse duration (low), UXCLAV low to UXCLAV Hi-Z
3*
ns
10
td(UXCH-UXSV)
Delay time, UXCLK high to UXSOC valid
3
12
ns
*This parameter is not production tested.
P47
P48
H1
N
0x1F
N
0x1F
N + 1
0x1F
N
N
10
8
4
3
2
1
UXCLK
UXDATA[7:0]
UXADDR[4:0]
UXCLAV
UXENB
UXSOC
9
P46
P45
0 x1F
The UTOPIA Slave module has signals that are middle-level signals indicating a high-impedance state (i.e., the UXCLAV and
UXSOC signals).
†
5
6
7
Figure 59. UTOPIA Slave Transmit Timing†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com