Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 126 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 126 Page - Texas Instruments

Back Button C6416 Datasheet HTML 122Page - Texas Instruments C6416 Datasheet HTML 123Page - Texas Instruments C6416 Datasheet HTML 124Page - Texas Instruments C6416 Datasheet HTML 125Page - Texas Instruments C6416 Datasheet HTML 126Page - Texas Instruments C6416 Datasheet HTML 127Page - Texas Instruments C6416 Datasheet HTML 128Page - Texas Instruments C6416 Datasheet HTML 129Page - Texas Instruments C6416 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
126
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
UTOPIA SLAVE TIMING [C6415 AND C6416 ONLY] (CONTINUED)
timing requirements for UTOPIA Slave receive (see Figure 60)
NO.
MIN
MAX
UNIT
1
tsu(URDV-URCH)
Setup time, URDATA valid before URCLK high
4
ns
2
th(URCH-URDV)
Hold time, URDATA valid after URCLK high
1
ns
3
tsu(URAV-URCH)
Setup time, URADDR valid before URCLK high
4
ns
4
th(URCH-URAV)
Hold time, URADDR valid after URCLK high
1
ns
9
tsu(URENBL-URCH)
Setup time, URENB low before URCLK high
4
ns
10
th(URCH-URENBL)
Hold time, URENB low after URCLK high
1
ns
11
tsu(URSH-URCH)
Setup time, URSOC high before URCLK high
4
ns
12
th(URCH-URSH)
Hold time, URSOC high after URCLK high
1
ns
switching characteristics over recommended operating conditions for UTOPIA Slave receive
(see Figure 60)
NO.
PARAMETER
MIN
MAX
UNIT
5
td(URCH-URCLAV)
Delay time, URCLK high to URCLAV driven active value
3
12
ns
6
td(URCH-URCLAVL)
Delay time, URCLK high to URCLAV driven inactive low
3*
12*
ns
7
td(URCH-URCLAVHZ)
Delay time, URCLK high to URCLAV going Hi-Z
9*
18.5*
ns
8
tw(URCLAVL-URCLAVHZ) Pulse duration (low), URCLAV low to URCLAV Hi-Z
3*
ns
*This parameter is not production tested.
P48
H1
H2
H3
N
0x1F
N+1
0x1F
N+2
0x1F
N
N+1
N+2
12
11
9
10
5
4
3
2
1
URCLK
URDATA[7:0]
URADDR[4:0]
URCLAV
URENB
URSOC
The UTOPIA Slave module has signals that are middle-level signals indicating a high-impedance state (i.e., the URCLAV and
URSOC signals).
†
8
6
7
Figure 60. UTOPIA Slave Receive Timing†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com