Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 15Page - Texas Instruments TNETX3100 Datasheet HTML 16Page - Texas Instruments TNETX3100 Datasheet HTML 17Page - Texas Instruments TNETX3100 Datasheet HTML 18Page - Texas Instruments TNETX3100 Datasheet HTML 19Page - Texas Instruments TNETX3100 Datasheet HTML 20Page - Texas Instruments TNETX3100 Datasheet HTML 21Page - Texas Instruments TNETX3100 Datasheet HTML 22Page - Texas Instruments TNETX3100 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRAM and EAM interfaces
All valid frames are passed across the DRAM interface (see Figure 8). The EAM hardware can detect the start of
a new frame from the flag-byte information. The first flag nibble on the DRAM bus (bits 35–32) corresponds to
bits 7–4 of the frame flag (see Figure 6). In conjunction with the DRAM column address strobe, external logic
accesses the frame addresses and performs external address lookups as detailed in the following:
D Use row-address strobe (DRAS) and column-address strobe (DCAS) to identify the position of the forward
pointer, the top nibble of the flag byte, and whether the nibble contains the start of frame code 01XX. Bit
35 of the forward pointer is zero to denote a start of frame. If it is high, the frame is an in-order broadcast
(IOB) link buffer and not the start-of-data frame (bits 34, 33, and 32 contain parity information for the three
forward pointers or data bytes).
D Bits 31–28 of the forward pointer contain the pre-tag nibble applied to the uplink (when used in uplink mode).
See description of port 00 (uplink port).
D Bits 27–24 denote the active port number (port 00 = 0000, port 01 = 0001, etc.).
D Use the DRAM column-address strobe (DCAS) to identify the presence of destination and source address
data on the DRAM interface.
D Perform address processing.
D Present the destination-channel bit map not more than 12 memory cycles after the high nibble of the start
flag is transmitted on the DRAM interface.
D External address timing is shown in Figure 21.
B
BB
1
NOTE: Diagram shows end-of-frame flag format. Multiple buffer frames use this flag format only on the last buffer. (End-of buffer flags are used
between a frame’s buffers.)
C = Channel code/source port code
P = Parity bits for forward pointer
B = Number of valid bytes in data word
S = Frame status (error conditions)
Tg = Pretag (uplink mode)
U = Reserved
0
C
1 U U
Byte 3
Byte 7
Byte 2
Byte 6
Byte 1
Byte 5
Byte 0
Byte 4
0
00 U U
CCC
CCCC
00 U U
CCCC
00 U U
CCCC
00 U U
CCCC
00 U U
CCCC
0 0U U
CCCC
1 S S S
Byte 63
Byte 62
Byte 61
Byte 60
32
35
Flags
Buffer Data
0
31
35
32
0
0
PTg
PP
Tg Tg Tg CC C C
Forward Pointer
24
28
32
35
NOTE: IOB Index buffer bit = 0; this is
a data buffer.
0
23
DA03
DA02
DA01
DA00
SAD1
SAD0
DA05
DA04
Figure 6. Buffer Diagram Showing Flag Format for a 64-byte Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com