Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 37 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 33Page - Texas Instruments TNETX3100 Datasheet HTML 34Page - Texas Instruments TNETX3100 Datasheet HTML 35Page - Texas Instruments TNETX3100 Datasheet HTML 36Page - Texas Instruments TNETX3100 Datasheet HTML 37Page - Texas Instruments TNETX3100 Datasheet HTML 38Page - Texas Instruments TNETX3100 Datasheet HTML 39Page - Texas Instruments TNETX3100 Datasheet HTML 40Page - Texas Instruments TNETX3100 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRAM flag register at 0x00D8
BIT
7
6
5
4
3
2
1
0
DRAMACT
Reserved
DRAMFLAG
BIT
NAME
FUNCTION
7
DRAMACT
DRAM activity. DRAMACT contains the status of a DRAM test access read or write. When this activity bit
is high, the DRAM access is being performed. When this bit is low, the DRAM access is completed. After
a DRAM test-access buffer is read, the user detects a falling edge on DRAMACT before proceeding to use
the accessed data.
6–4
Reserved
Reserved
3–0
DRAMFLAG
DRAM flag. DRAMFLAG holds a value that maps to the flag field of a DRAM buffer when accessed in DRAM
test access mode.
DRAM address register at 0x00D9–0x00DB
BIT
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R/W
DRAMADDRESS
BIT
NAME
FUNCTION
23
R/W
DRAM test access read/write. R/W determines whether the contents of channel 0’s FIFO, DRAMDATA, and
DRAMFLAG are read from DRAM or written to DRAM. When high, the write operation is performed. When
low, a read operation is performed.
22–0
DRAMADDRESS
DRAM starting-word address. DRAMADDRESS is a 23-bit DRAM address marking the starting word
location for a DRAM test-access buffer operation.
The DRAM address space (as used in this register) is not flat. It is partitioned in the following manner:
BIT
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
DX02
RAS
DX02
CAS
DX01
RAS
DX01
CAS
DX00
RAS
DX00
CAS
RAS
CAS
BIT
NAME
FUNCTION
22
Reserved
Reserved
21
DX02
Extended address bit 2 (RAS)
20
DX02
Extended address bit 2 (CAS)
19
DX01
Extended address bit 1 (RAS)
18
DX01
Extended address bit 1 (CAS)
17
DX00
Extended address bit 0 (RAS)
16
DX00
Extended address bit 0 (CAS)
15–8
RAS
Row address for DRAM (most-significant bit = bit 15)
7–0
CAS
Column address for DRAM (most-significant bit = bit 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com