Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 35 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 31Page - Texas Instruments TNETX3100 Datasheet HTML 32Page - Texas Instruments TNETX3100 Datasheet HTML 33Page - Texas Instruments TNETX3100 Datasheet HTML 34Page - Texas Instruments TNETX3100 Datasheet HTML 35Page - Texas Instruments TNETX3100 Datasheet HTML 36Page - Texas Instruments TNETX3100 Datasheet HTML 37Page - Texas Instruments TNETX3100 Datasheet HTML 38Page - Texas Instruments TNETX3100 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RAM size register at 0x00D2
BIT
7
6
5
4
3
2
1
0
MTEST
Reserved
FLOW
TAGON
RSIZE
Initial Values After Reset
0
0
0
0
0
1
0
0
BIT
NAME
FUNCTION
7
MTEST
Test access bit. Before DIO accesses are made to the DIO test registers (address range 0x00DC–0x00FF), the
user must write MTEST = 1. When an EEPROM is used to initialize registers 0x00–0xC3, MTEST is initialized to
0. MTEST allows access to the DIO registers to enable frame-wrap test modes.
6
Reserved
Reserved. Set to 0.
5
FLOW
Flow control enable bit. When FLOW = 1, the TNETX3100 implements collision-based flow control. When
FLOW = 0, no flow control is implemented.
4
TAGON
Post-frame tag enable bit. TAGON enables the requirement for post-frame tagging on the port 00 uplink. When
TAGON = 1, the TNETX3100 uses the posttag to route frames received on the uplink. The other 100 Mbit/s (port
01) does not support post-frame tagging. When TAGON = 0, the TNETX3100 uses either the EAM interface or the
internal address-lookup registers to route frames received on the uplink.
RAM size select. RSIZE indicates the size of the external DRAM and the number of 64-byte data buffers available.
This field is used by the TNETX3100 to determine how many buffers to initialize. The code values are:
BIT
CODE
NUMBER OF
3
0
VALUES
BUFFERS
0100
4K
× 36
240
0101
8K
× 36
480
0110
16K
× 36
960
30
RSIZE
0111
32K
× 36
1920
3–0
RSIZE
1000
64K
× 36
3840
1001
128K
× 36
7680
1010
256K
× 36
15 360
1011
512K
× 36
30 720
1100
1M
× 36
61 440
1101
2M
× 36
122 880
1110
4M
× 36
245 760
1111
Reserved
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com