Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 34 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 30Page - Texas Instruments TNETX3100 Datasheet HTML 31Page - Texas Instruments TNETX3100 Datasheet HTML 32Page - Texas Instruments TNETX3100 Datasheet HTML 33Page - Texas Instruments TNETX3100 Datasheet HTML 34Page - Texas Instruments TNETX3100 Datasheet HTML 35Page - Texas Instruments TNETX3100 Datasheet HTML 36Page - Texas Instruments TNETX3100 Datasheet HTML 37Page - Texas Instruments TNETX3100 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LED control register at 0x00D1
BIT
7
6
5
4
3
2
1
0
Reserved
FLTLED
PONLY
S4LED
S3LED
S2LED
S1LED
Initial Values After Reset
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7–6
Reserved
Reserved
5
FLTLED
Fault LED. When FLTLED = 1, the fault LED is turned on. When FLTLED = 0, the fault LED turns on if an invalid
CRC is detected during the EEPROM load.
4
PONLY
Partition only. If PONLY = 1, the port LEDs display the enable/disable status of the ports; the display of port activity
and link status is disabled.
3–0
S4LED
S3LED
S2LED
S1LED
Software-controlled LEDs. S4LED–S1LED control the state of the external software-controlled LEDs; when
SxLED = 1, the corresponding LED is turned on, when SxLED = 0, the LED is off. The TNETX3100 makes no use
of the value of these bits other than for controlling the external LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com