Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 74 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 70Page - Texas Instruments TNETX3100 Datasheet HTML 71Page - Texas Instruments TNETX3100 Datasheet HTML 72Page - Texas Instruments TNETX3100 Datasheet HTML 73Page - Texas Instruments TNETX3100 Datasheet HTML 74Page - Texas Instruments TNETX3100 Datasheet HTML 75Page - Texas Instruments TNETX3100 Datasheet HTML 76Page - Texas Instruments TNETX3100 Datasheet HTML 77Page - Texas Instruments TNETX3100 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
74
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics (see Figure 25)
MII transmit 100 Mbit/s (xx=ports 00–01)
NO.
PARAMETER
MIN
MAX
UNIT
1
td(MXXTXD)1
Delay time, from MXXTCLK
↑ to MXXTXD3–MXXTXD0 valid
5
25
ns
1
td(MXXTXD)2
Delay time, from MXXTCLK
↑ to MXXTXD7–MXXTXD0 valid
5
25
ns
1
td(MXXTXEN)
Delay time, from MXXTCLK
↑ to MXXTXEN valid
5
25
ns
1
td(MXXTXER)
Delay time, from MXXTCLK
↑ to MXXTXER valid
5
25
ns
MXXTXD3–MXXTXD0 is driven by the reconciliation sublayer synchronous to the MXXTCLK. MXXTXEN is
asserted and deasserted by the reconciliation sublayer synchronous to the MXXTCLK rising edge. MXXTXER
is driven synchronous to the rising edge of MXXTCLK (xx = 00–01).
MXXTCLK
(input)
MXXTXD3–MXXTXD0
MXXTXEN
MXXTXER (outputs)
1
Figure 25. Ports (00–01) Transmit Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com