Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 40 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 36Page - Texas Instruments TNETX3100 Datasheet HTML 37Page - Texas Instruments TNETX3100 Datasheet HTML 38Page - Texas Instruments TNETX3100 Datasheet HTML 39Page - Texas Instruments TNETX3100 Datasheet HTML 40Page - Texas Instruments TNETX3100 Datasheet HTML 41Page - Texas Instruments TNETX3100 Datasheet HTML 42Page - Texas Instruments TNETX3100 Datasheet HTML 43Page - Texas Instruments TNETX3100 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PACTST register at 0x00DE
BIT
7
6
5
4
3
2
1
0
FLAG100
FLAG10
Reserved
INITPACE
Initial Values After Reset
—
—
X
1
1
1
1
1
BIT
NAME
FUNCTION
7
FLAG100
Pacing flag comparison for all 100-Mbit/s. FLAG100 is the OR of all the 100-Mbit/s port compare signals
resulting from the comparison between the pacing register and the initial pace value. When FLAG100 = 1,
an error has occurred if all ports are involved in pacing and have experienced similar traffic. When an error
is detected, no information is given as to which port signal is in error. When FLAG100 = 0, the TNETX3100
is functioning normally.
6
FLAG10
Pacing flag comparison for all 10-Mbit/s ports. Flag10 is the OR of all the 10-Mbits ports.
5
Reserved
Reserved
4–0
INITPACE
Pacing register initial value. At reset, bits 4–0 are inverted and loaded into the pacing register (the default
value for the register is 00000 and the default loaded value after reset is 11111). Following reset, bits 4–0
are used to compare the contents of the pacing register. The result of the comparison is returned and ORed
to form bits 6 and 7 in the PACTST register.
address registers at 0x08*A + 0x0100 through 0x08*A + 0x0107 (A = address register in hex, legal
values are 1–15)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3 (MSB)
BIT 2
BIT 1
BIT 0 (LSB)
DIO ADDRESS
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
LOCK†
0x08(A–16)
Reserved
Reserved
Reserved
Reserved
Port number
Port number
Port number
Port number
0x08(A–16)+0x01
Address Bit
47
Address Bit
46
Address Bit
45
Address Bit
44
Address Bit
43
Address Bit
42
Address Bit
41
Address Bit
40
0x08(A–16)+0x02
Address Bit
39
Address Bit
38
Address Bit
37
Address Bit
36
Address Bit
35
Address Bit
34
Address Bit
33
Address Bit
32
0x08(A–16)+0x03
Address Bit
31
Address Bit
30
Address Bit
29
Address Bit
28
Address Bit
27
Address Bit
26
Address Bit
25
Address Bit
24
0x08(A–16)+0x04
Address Bit
23
Address Bit
22
Address Bit
21
Address Bit
20
Address Bit
19
Address Bit
18
Address Bit
17
Address Bit
16
0x08(A–16)+0x05
Address Bit
15
Address Bit
14
Address Bit
13
Address Bit
12
Address Bit
11
Address Bit
10
Address Bit
9
Address Bit
8
0x08(A–16)+0x06
Address Bit
7
Address Bit
6
Address Bit
5
Address Bit
4
Address Bit
3
Address Bit
2
Address Bit
1
Address Bit
0
0x08(A–16)+0x07
† LOCK is present for network address register 16; for all other network address registers (17–31), LOCK is reserved.
address register description
The 16 network registers shown in the following tables are combined with the other 16 registers (address 0000
through 007F) for a total of 32 network address registers; they form a 32-deep push-down stack, and this stack
holds the last 32 source addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com