Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 50 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 46Page - Texas Instruments TNETX3100 Datasheet HTML 47Page - Texas Instruments TNETX3100 Datasheet HTML 48Page - Texas Instruments TNETX3100 Datasheet HTML 49Page - Texas Instruments TNETX3100 Datasheet HTML 50Page - Texas Instruments TNETX3100 Datasheet HTML 51Page - Texas Instruments TNETX3100 Datasheet HTML 52Page - Texas Instruments TNETX3100 Datasheet HTML 53Page - Texas Instruments TNETX3100 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
internal and external frame-wrap example
Perform the following steps to configure the TNETX3100 for the internal frame-wrap configuration:
Step 1.
Disable any enternal address-matching hardware. (No traffic should be received by the TNETX3100
at this time.)
Step 2.
With power on, place TNETX3100 in a reset state by writing 0x81 at address 0x00D3.
Step 3.
While the TNETX3100 is in reset, configure the VLAN mask registers (0x00B8–0x00CB). For this
example, all ports are in the wrap chain.
VLAN0 MASK
=
0x0002
VLAN1 MASK
=
0x0004
VLAN2 MASK
=
0x0008
VLAN3 MASK
=
0x0010
VLAN4 MASK
=
0x0020
VLAN5 MASK
=
0x0040
VLAN6 MASK
=
0x0080
VLAN7 MASK
=
0x0100
VLAN8 MASK
=
0x0200
VLAN9 MASK
=
0x0001
Step 4.
Start the TNETX3100 by writing a 1 to the start bit and make sure the IOBMOD bit also is a 1
(0x21 at address 0x00D3).
Step 5.
Set all ports to full duplex and enable all ports.
Step 6.
Set the broadcast unknown (BRUN) bit to zero (address 0x00A1).
Step 7.
Configure the TNETX3100 for test mode by writing a 1 to the MTEST bit (address 0x00D2).
Step 8.
Configure the TNETX3100 for internal wrap mode by writing a 1 to the INTWRAP. See the data sheet
for INTWRAP details. The port that is not wrapped (00, 01, or 09) is used to inject and observe test
data frames from internally wrapped ports. For port 00, write 0x02 at address 0x00DD. For port 01,
write 0x40 at address 0x00DD. For port 09, write 0x06 at address 0x00DD.
Step 9.
Transmit a broadcast/multicast frame into the TNETX3100 port corresponding to the INTWRAP
setting. The frame that is sent into the test port is received by the same port (provided the VLAN
register settings steered the packet back to that port). Compare the frame transmitted against the
frame received and verify that the TNETX3100 is working correctly.
For external wrap mode, replace steps 8 and 9 with the following:
Step 8.
Configure the TNETX3100 for external wrap mode by writing 0x08 at address 0x00DD.
Step 9.
Configure all PHY – layer devices except port 00 for internal loopback.
Step 10.
Transmit a broadcast/multicast frame into the TNETX3100 on port 00. The frame that is sent into the
test port is received by the same port (provided the VLAN register settings steer the packet back to
that port). Compare the frame transmitted against the frame received and verify that the TNETX3100
is working correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com