Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 28 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 24Page - Texas Instruments TNETX3100 Datasheet HTML 25Page - Texas Instruments TNETX3100 Datasheet HTML 26Page - Texas Instruments TNETX3100 Datasheet HTML 27Page - Texas Instruments TNETX3100 Datasheet HTML 28Page - Texas Instruments TNETX3100 Datasheet HTML 29Page - Texas Instruments TNETX3100 Datasheet HTML 30Page - Texas Instruments TNETX3100 Datasheet HTML 31Page - Texas Instruments TNETX3100 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
port-N control register at 0x2*N + 0080 (N = port number in hex)
RESET
INITIAL VALUES AFTER RESET†
CONDITIONS
BIT
7
6
5
4
3
2
1
0
DISABLE
ENABLE
STFORTX
STFORRX
NLEARN
MWIDTH
TXPACE
FORCEHD
Port 00
(initial value after reset)
0
0
0
0
1
0
0
0
Ports 01–09
(initial value after reset)
0
0
0
0
0
0
0
0
† This register is reset to initial values after any reset condition and must be reloaded.
BIT
NAME
FUNCTION
7
DISABLE
Port disable. DISABLE = 1 disables the port. Frames are not forwarded from or to a disabled port, but the port
attempts to transmit any previously queued frames.
Latched bit. DISABLE is set by both hard and soft reset (default state is port disabled). DISABLE is cleared by
writing ENABLE = 1.
6
ENABLE
Port enable. ENABLE = 1 enables the port, provided DISABLE = 1 is not written at the same time. Writing a 0 to
ENABLE has no effect. ENABLE is always read as 0.
5
STFORTX
Store and forward on transmission. Cut-through to this port is not allowed when STFORTX = 1.
4
STFORRX
Store and forward on receive. Cut-through from this port is disabled when STFORRX = 1.
3
NLEARN
Not learn. When NLEARN = 1, the port does not take part in address-learning activity. Any stored addresses remain
valid until they are aged out, and secured addresses are never aged out. When NLEARN = 0, the port takes part
in address-learning activity.
2
MWIDTH
MII width selection. MWIDTH is only valid on 10-/100-Mbit/s capable ports (ports 00, 01). When MWIDTH = 1, and
the port is operated in the 10-Mbit/s mode, the interface is operated in nibble-serial mode. When MWIDTH = 0, the
interface is operated in the bit-serial mode.
1
TXPACE
Transmit pacing. When TXPACE = 1, the port uses transmission pacing to enhance performance. When
TXPACE = 0, transmit pacing is disabled.
0
FORCEHD
Force half duplex. When FORCEHD = 1, the DUPLEX terminal is pulled down (active pulldown on the input), forcing
the PHY to operate in half-duplex mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com