Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 26 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 22Page - Texas Instruments TNETX3100 Datasheet HTML 23Page - Texas Instruments TNETX3100 Datasheet HTML 24Page - Texas Instruments TNETX3100 Datasheet HTML 25Page - Texas Instruments TNETX3100 Datasheet HTML 26Page - Texas Instruments TNETX3100 Datasheet HTML 27Page - Texas Instruments TNETX3100 Datasheet HTML 28Page - Texas Instruments TNETX3100 Datasheet HTML 29Page - Texas Instruments TNETX3100 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TNETX3100 condensed DIO memory map (continued)
Table 5. TNETX3100 Condensed DIO Memory Map (Continued)
DIO ADDRESS (BITS 15–0)
SHOWN IN HEX FORMAT
DESCRIPTION
AREA OF TNETX3100
D400–D5FF
Port 05 RX FIFO
FIFO RAM
D600–D7FF
Port 05 TX FIFO
FIFO RAM
D800–D9FF
Port 06 RX FIFO
FIFO RAM
DA00–DBFF
Port 06 TX FIFO
FIFO RAM
DC00–DDFF
Port 07 RX FIFO
FIFO RAM
DE00–DFFF
Port 07 TX FIFO
FIFO RAM
E000–E1FF
Port 08 RX FIFO
FIFO RAM
E200–E3FF
Port 08 TX FIFO
FIFO RAM
E400–E5FF
Port 09 RX FIFO
FIFO RAM
E600–E7FF
Port 09 TX FIFO
FIFO RAM
E800–FFFF
Reserved (not implemented)
address registers at [0x08*(A–16)] + 0x0000 through [0x08*(A–16)] + 0x0007 (A = address register in hex, legal
values are 16–31)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3 (MSB)
BIT 2
BIT 1
BIT 0 (LSB)
DIO ADDRESS
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
LOCK†
0x08(A-16)
Reserved
Reserved
Reserved
Reserved
Port Number
Port Number
Port Number
Port Number
0x08(A–16)+0x01
Address Bit
47
Address Bit
46
Address Bit
45
Address Bit
44
Address Bit
43
Address Bit
42
Address Bit
41
Address Bit
40
0x08(A–16)+0x02
Address Bit
39
Address Bit
38
Address Bit
37
Address Bit
36
Address Bit
35
Address Bit
34
Address Bit
33
Address Bit
32
0x08(A–16)+0x03
Address Bit
31
Address Bit
30
Address Bit
29
Address Bit
28
Address Bit
27
Address Bit
26
Address Bit
25
Address Bit
24
0x08(A–16)+0x04
Address Bit
23
Address Bit
22
Address Bit
21
Address Bit
20
Address Bit
19
Address Bit
18
Address Bit
17
Address Bit
16
0x08(A–16)+0x05
Address Bit
15
Address Bit
14
Address Bit
13
Address Bit
12
Address Bit
11
Address Bit
10
Address Bit
9
Address Bit
8
0x08(A–16)+0x06
Address Bit
7
Address Bit
6
Address Bit
5
Address Bit
4
Address Bit
3
Address Bit
2
Address Bit
1
Address Bit
0
0x08(A–16)+0x07
† LOCK is present for network address register 0; for all other network address registers (1–15), LOCK is reserved.
address register description
The 16 network registers shown are combined with the other 16 registers (address 0100 through 017F) for a
total of 32 network address registers; they form a 32-deep push-down stack, and this stack holds the last 32
source addresses seen by the TNETX3100. When a frame is received by the TNETX3100, the source address
is extracted and pushed onto the top of the stack (register 0) along with the source port number, and the current
contents of the stack, pushed down one location. The oldest address that was at the bottom of the stack
(register 31) is discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com