Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 39 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 35Page - Texas Instruments TNETX3100 Datasheet HTML 36Page - Texas Instruments TNETX3100 Datasheet HTML 37Page - Texas Instruments TNETX3100 Datasheet HTML 38Page - Texas Instruments TNETX3100 Datasheet HTML 39Page - Texas Instruments TNETX3100 Datasheet HTML 40Page - Texas Instruments TNETX3100 Datasheet HTML 41Page - Texas Instruments TNETX3100 Datasheet HTML 42Page - Texas Instruments TNETX3100 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRAM test-access operation
(continued)
• Clear the forward pointer, flag and perform a DRAM read:
DIO write (address 00D4) = 00
;Forward pointer least-significant bit
DIO write (address 00D5) = 00
;Forward pointer
DIO write (address 00D6) = 00
;Forward pointer
DIO write (address 00D7) = 00
;Forward pointer most-significant bit
DIO write (address 00D8) = x0
;Flag
DIO write (address 00D9) = 00
;DRAM address least-significant bit
DIO write (address 00DA) = 00
;DRAM address
DIO write (address 00DB) = 00
;DRAM address most-significant bit
• Now wait for the read from DRAM to complete by polling the DRAMACT bit within the DRAM flag
register:
DIO read (address 00D8) = 8x
DMA transfer not complete
DIO read (address 00D8) = 0x
DMA transfer complete
• Read the forward pointer, flag, and DRAM data:
DIO read (address 00D4–00D7)
DIO read (address C0D8)
DIO read [address C000 + (10 * n)] through [address C008 + (10 * n)]
where n = 0–7
DIATST register at 0x00DD
BIT
7
6
5
4
3
2
1
0
Reserved
DPWRAP
INTWRAP
Reserved
Initial Values After Reset
0
X
X
0
0
0
0
0
BIT
NAME
FUNCTION
7–4
Reserved
Reserved
3
DPWRAP
Duplex wrap mode. When DPWRAP = 1, all ports are forced into full-duplex mode and all ports can receive
frames they transmit. This enables external wrap testing at the PHY. When DPWRAP = 0, all ports function
normally.
2–1
INTWRAP
Internal wrap mode. Ports 01–09 internally wrap back according to the following two-bit coding (INTWRAP
bit 2 and bit 1, respectively):
00 No internal wrapping
01 All ports internally wrapped except port 00 (uplink)
10 All ports internally wrapped except port 02
11 All ports internally wrapped except port 09
The port that is not wrapped (00, 02, or 09) should be used to inject and observe test data frames from
the internally wrapped ports.
0
Reserved
Reserved. Should always be written as a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com