Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 21 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 17Page - Texas Instruments TNETX3100 Datasheet HTML 18Page - Texas Instruments TNETX3100 Datasheet HTML 19Page - Texas Instruments TNETX3100 Datasheet HTML 20Page - Texas Instruments TNETX3100 Datasheet HTML 21Page - Texas Instruments TNETX3100 Datasheet HTML 22Page - Texas Instruments TNETX3100 Datasheet HTML 23Page - Texas Instruments TNETX3100 Datasheet HTML 24Page - Texas Instruments TNETX3100 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRAM and EAM interfaces (continued)
The TNETX3100 gives priority to the external channel address, over the internal-channel address-match in-
formation, to route the frame to the appropriate channel. To enable the EAM interface, the EAMON bit in the
FEAGFG register must be set to a 1 (see Figure 8).
EAM
Hardware
EAM15 (mode select)
EAM09
EAM00
DD(35–00)
DA(7–0)
DX(2–0)
DRAS
DCAS
DWE
DOE
TNETX3100
EDO
DRAM
Figure 8. EAM Interface
Table 2 provides the 4-bit code needed to identify the destination port when using the EAM interface with EAM15
(mode select) bit set.
D With the EAM04 bit and EAM15 bit (mode select) both high, all other EAM bits are ignored (this is a
no-operation code) and the frame uses the internal address match information (if enabled). With this code,
any external device is signaling that it does not participate in address matching (at least during this cycle).
These two bits are hardwired to 1 if no external device is present to disable this interface.
D With the EAM04 bit low and EAM15 bit (mode select) high, EAM03–EAM00 code is used to identify a single
destination port.
D When the EAM15 bit (mode select) is low:
–
The other bits EAM09–EAM00 represent a mask of the ports to which the frame is forwarded. For
example, if the frame is copied to ports 00, 07, and 09, the signal value is 0b1010000001.
–
To discard a frame, the external interface provides an all-zero code 0b0000000000).
All internal-address registers are disabled with the not-learn (NLEARN) bit (port-control register, bit 3), if the
external device is used.
An external device has two choices of codes with which to forward a frame to a single port. For example, to
forward a frame to port 3, one can enter 0x004 (multiport capable with only one port specified), or 0x403
(single-port capable only). While using the first method can make specifying unicast and multicast forwarding
more unified, it forces the TNETX3100 to use internal cycles to build a broadcast table with only one entry, and
thereby unicast traffic performance is reduced. Unicast forwarding is done with the EAM15 high, and the port
specified in the lower four bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com