Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 20 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 16Page - Texas Instruments TNETX3100 Datasheet HTML 17Page - Texas Instruments TNETX3100 Datasheet HTML 18Page - Texas Instruments TNETX3100 Datasheet HTML 19Page - Texas Instruments TNETX3100 Datasheet HTML 20Page - Texas Instruments TNETX3100 Datasheet HTML 21Page - Texas Instruments TNETX3100 Datasheet HTML 22Page - Texas Instruments TNETX3100 Datasheet HTML 23Page - Texas Instruments TNETX3100 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
flag byte
Flag attributes are assigned to the deserialized data word, identifying key attributes. The flags are used in later
data handling. The flag field is assigned to every eight data bytes. The format of the subfields within the flag byte
change, depending on the flag information. Previously, the start-of-frame format was described in the address
compare text (see Figure 7). The formats shown in Figure 7 are the end-of-buffer and the end-of-frame flag for-
mats. When the most-significant bit (end-of-buffer bit) is set, the remaining bits of the most-significant nibble
contain the number of bytes in the data word, while the least-significant nibble contains error/status information.
01
End of Buffer
Start of Frame
Unassigned
Broadcast /Multicast
Requesting Channel
Address Code /
Source Port Number
70
3
U
0
70
Don’t Care
End-of-Buffer Bit
b) END-OF-BUFFER (EOB) FLAG BYTE FORMAT
1
70
End-of-Buffer Bit
c) END-OF-FRAME (EOF) FLAG BYTE FORMAT
1
Number of valid bytes in the data word
001 = 1,010 = 2 . . . 111 = 7, 000 = 8
Data Word Error/Status
Good EOF
CRC Error
CV Error
OVF Error
Jabber Error
000
001
010
011
100
NOTE A: The EOB bit is asserted after each 64-byte data transfer. Bit 3 of the flag byte is set only at the EOF.
1
a) START-OF-FRAME (SOF) FORMAT
— No errors
— Bad CRC
— Code violation = alignment + bad CRC
— Overflow error = no buffers available
— Frame exceeds 1531 bytes
UC
C
C
C
Figure 7. EOB, EOF, and SOF Flag Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com