Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 76 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 72Page - Texas Instruments TNETX3100 Datasheet HTML 73Page - Texas Instruments TNETX3100 Datasheet HTML 74Page - Texas Instruments TNETX3100 Datasheet HTML 75Page - Texas Instruments TNETX3100 Datasheet HTML 76Page - Texas Instruments TNETX3100 Datasheet HTML 77Page - Texas Instruments TNETX3100 Datasheet HTML 78Page - Texas Instruments TNETX3100 Datasheet HTML 79Page - Texas Instruments TNETX3100 Datasheet HTML 80Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
76
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Figure 28)
power-on reset
NO.
MIN
MAX
UNIT
1
td(OSCIN)
Delay time, from VCC↑ to RESET↑
25
ms
2
td(RESET)
Delay time, from OSCIN
↑ to RESET↑
25
ms
3
td(AUTO)
Delay time, from RESET
↑ to EEPROM autoload complete
50
ms
OSCIN
(input)
VCC(5V)
(input)
VCC
(input)
1
2
RESET
(input)
Normal Operation
Signals†
Valid
† MXXCOL, MXXCRS, MXXPROTOCOL, MXXDUPLEX, MXXLINK, MXXRCLK, MXXRXD0, MXXRXD1, MXXRXD2, MXXRXD3, MXXRXD4,
M00RXD5,
M00RXD6,
M00RXD7,
M00RXDV,
M00RXDVX,
MXXRXER,
MXXSPEED,
MXXTCLK,
M00UPLINK,
DD35–DD0,
EAM15–EAM00, SDATA7–SDATA0, SAD1, SAD0, SCS, SRNW, EDIO, TDI, TMS, TRST, TCLK, OSCIN
3
Figure 28. Power-On Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com