Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 23 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 19Page - Texas Instruments TNETX3100 Datasheet HTML 20Page - Texas Instruments TNETX3100 Datasheet HTML 21Page - Texas Instruments TNETX3100 Datasheet HTML 22Page - Texas Instruments TNETX3100 Datasheet HTML 23Page - Texas Instruments TNETX3100 Datasheet HTML 24Page - Texas Instruments TNETX3100 Datasheet HTML 25Page - Texas Instruments TNETX3100 Datasheet HTML 26Page - Texas Instruments TNETX3100 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
VLAN support
When EAM15 (mode select) is low, the EAM09–EAM00 inputs provide a mechanism for the EAM interface to
specify which destination port or group of destination ports is used to transmit the frame. Each signal represents
one destination port. Asserting one signal sends the frame to one destination port and asserting multiple signals
transmits the same frame to multiple ports. When using an external address/VLAN engine, the external VLAN
engine controls the EAM interface and the TNETX3100 forwards broadcast/multicast traffic to the configured
VLAN ports. This mode of operation employs the broadcast mechanism and appends the frames to the transmit
queues of the destination ports. The broadcast mechanism is an inefficient way to send frames to single ports
when individual port codes can be used.
For the internal address mode, the TNETX3100 provides one VLAN register per port. Each register contains
a bit map to indicate the VLAN group for the port. All broadcast/multicast traffic received on that port is then sent
only to the ports that are a part of the same VLAN.
DIO interface
The DIO interface allows host access to the TNETX3100. The DIO interface provides access to the on-chip
registers and statistics.
The DIO provides the following information:
D Network statistics counters – provide access to the network statistics information compiled in the statistics
RAM.
D System configuration registers – set or change the operation of the TNETX3100.
D RAM access – permits test access, allowing functional testing.
D Port registers – access port control, port status, and port address registers, permitting port management
and status interrogation.
To reduce design overheads and to simplify interface logic, a byte-wide asynchronous interface is defined. Ac-
cess to the internal TNETX3100 registers is available, indirectly, via the TNETX3100 host registers (see
host
registers for more detail). The four host registers are addressed directly from DIO interface address lines SAD1
and SAD0 (see Table 4).
Table 4. SAD1 and SAD0 Address Lines
SAD1
SAD0
DESCRIPTION
0
0
DIO address low
0
1
DIO address high
1
0
DIO data
1
1
DIO data increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com