Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 29 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 25Page - Texas Instruments TNETX3100 Datasheet HTML 26Page - Texas Instruments TNETX3100 Datasheet HTML 27Page - Texas Instruments TNETX3100 Datasheet HTML 28Page - Texas Instruments TNETX3100 Datasheet HTML 29Page - Texas Instruments TNETX3100 Datasheet HTML 30Page - Texas Instruments TNETX3100 Datasheet HTML 31Page - Texas Instruments TNETX3100 Datasheet HTML 32Page - Texas Instruments TNETX3100 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
port-N status register at 0x2*N + 0x0081 (read only) (N = port number in hex)
INITIAL VALUES AFTER RESET
BIT
7
6
5
4
3
2
1
0
UPDATE
NLINK
Reserved
SPEED
DUPLX
Port state
1
0
0
BIT
NAME
FUNCTION
7
UPDATE
Transmit queue-length update pending. UPDATE indicates when the transmit queue-length information is updated
for this port. UPDATE = 1, pending a transmit queue-length at initialization and when a queue-length update is
pending. UPDATE = 0 when the update is complete (after this port has transmitted a frame). UPDATE is maintained
only for ports with the LINK signal active. Any port with link down is not updated.
6
NLINK
Not link. NLINK indicates that the port’s link is inactive. NLINK = 1, when the port does not have a valid link.
NLINK = 0, when the port has a valid link. NLINK reports the inverse of the state of the port’s MXXLINK terminal.
5
Reserved
Reserved. Not implemented (this bit is always read as zero).
4
SPEED
Network speed. SPEED indicates the speed of a network port. When SPEED = 1, it indicates 100 Mbit/s. When
SPEED = 0, it indicates 10 Mbit/s. SPEED is a direct reflection of the state of the port’s MXXSPEED terminal (non
10-Mbit/s ports). Ports with 10 Mbit/s always have a 0 in SPEED.
3
DUPLX
Full-duplex network. DUPLX indicates that a network port is operating in full-duplex mode. When DUPLX = 1, it
indicates full duplex. When DUPLX = 0, it indicates half duplex. DUPLX is a direct reflection of the state of the port’s
MXXDUPLX terminal.
2–0
Port state
This field indicates the state of the port:
000 – Enabled
001 – Suspended due to link failure
010 – Reserved
011 – Reserved
100 – Disabled by management
101 – Reserved
110 – Disabled due to address duplication
111 – Reserved
Reset places all ports in state 100 (disabled by management). Completion of buffer memory initialization (START
complete) places all ports in state 000 (enabled) unless the port DISABLE bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com