Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 15 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 11Page - Texas Instruments TNETX3100 Datasheet HTML 12Page - Texas Instruments TNETX3100 Datasheet HTML 13Page - Texas Instruments TNETX3100 Datasheet HTML 14Page - Texas Instruments TNETX3100 Datasheet HTML 15Page - Texas Instruments TNETX3100 Datasheet HTML 16Page - Texas Instruments TNETX3100 Datasheet HTML 17Page - Texas Instruments TNETX3100 Datasheet HTML 18Page - Texas Instruments TNETX3100 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
data transmission
transmit control
Transmit control is partitioned into two blocks:
1.
The frame control block handles the output of data into the PHYs, and a number of error states are handled.
If a collision is detected, the state machine jams the output. If the collision is late (after the first 64-byte buffer
has been transmitted) the frame is lost. If it is an early collision, the controller backs off before retrying. While
operating in full duplex, both carrier-sense (CRS) mode and collision-sensing modes are disabled.
2.
The FIFO control block handles the flow of data from the FIFO buffers to the MAC interface for transmission.
The data within a FIFO buffer is cleared only after the data has been successfully transmitted without
collision (for the half-duplex ports). Transmission recovery also is handled in this state machine. If a collision
is detected, frame recovery and retransmission are initiated.
transmit pacing
When transmit pacing is enabled, the ThunderSWITCH architecture is capable of altering its transmission
routine during times of heavy network activity. The TNETX3100 is intelligent enough to sense heavy network
traffic and alter its transmission routing by intentionally inserting an extra amount of delay between transmission
attempts. The added delay reduces collision rates, and thus reduces the number of transmission attempts,
which helps reduce CPU utilization, lighten overall network traffic, and allows the network time to stabilize before
attempting transmission. If the delay was not added, the TNETX3100 would attempt to transmit on an already
heavily loaded network, adding to the network traffic’s unsuccessful transmission attempts.
Each Ethernet MAC incorporates transmit-pacing logic. This is enabled on an individual basis by setting the
TXPACE bit (bit 1) of the port control registers. When set, the MACs use transmit pacing to enhance
performance (when connected on networks using other transmit-pacing capable MACs). Transmit pacing
introduces delays into the normal transmission of frames, which delays transmission attempts between stations,
reducing the probability of collisions occurring during heavy traffic (as indicated by frame deferrals and
collisions). This increases the chance of successful transmission.
With pacing enabled, a frame is permitted (after one IPG) to immediately attempt transmission only if the pacing
counter is zero. If the pacing counter is nonzero, the frame is delayed by the pacing delay (a delay of
approximately four interframe gap delays).
interframe gap enforcement
The measurement reference for the interframe gap of 9.6
µs (when transmitting at 10 Mbit/s) is changed,
depending on frame traffic conditions. If a frame is successfully transmitted (without collision), 9.6
µs is
measured from MXXTXEN. If the frame suffered a collision, 9.6
µs is measured from MXXCRS. The
TNETX3100 can receive frames with an interframe gap of less than 9.6
µs and it always transmits its frames
with an interframe gap of 9.6
µs. The 100-Mbit/s ports can receive frames with an interframe gap of less than
0.96
µs and always transmit frames with a minimum interframe gap of 0.96 µs.
backoff
The TNETX3100 implements the IEEE Std 802.3 binary exponential backoff algorithm.
100-Mbit/s MAC interfaces (port 00)
The TNETX3100 allows port 00 to support pretagging and posttagging when forwarding frames to an external
routing engine. Posttagging is used by an external routing engine to provide destination port information to the
TNETX3100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com